Electronic Components Datasheet Search
  English  ▼

X  

320 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 320
Description  320 Flush Quick-Connect Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

320 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  320 Datasheet HTML 1Page - Ashcroft, Inc. 320 Datasheet HTML 2Page - Ashcroft, Inc. 320 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORDERING CODE
Example:
15
320
SX
02T
XCG
NH
Process Connection Size
15 - 1½˝ Quick-connect
15
20 - 2˝ Quick-connect
Seal Type
320 - Quick Connect Seal
320
Diaphragm Material
SX - 316L Stainless steel
SX
Instrument Connection Size
02T - ¼ NPT Female
02T
04T - ½ NPT Female (only available on 2˝ Quick-connect process connection)
Options (if choosing option(s) must include an “X”)
X__
Fill Fluid (See Table 1 above for more available fill fluids)
CK - 50 cSt Silicone
Optional Features
NH - Stainless steel instrument tag
NH
MQ - Positive material identification
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 320_Flush_seal_ds_RevB_06-21-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
2 of 3
320 Flush Quick-Connect Diaphragm Seal
Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com