Electronic Components Datasheet Search
  English  ▼

X  

SC614EVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC614EVB
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614EVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC614EVB Datasheet HTML 17Page - Semtech Corporation SC614EVB Datasheet HTML 18Page - Semtech Corporation SC614EVB Datasheet HTML 19Page - Semtech Corporation SC614EVB Datasheet HTML 20Page - Semtech Corporation SC614EVB Datasheet HTML 21Page - Semtech Corporation SC614EVB Datasheet HTML 22Page - Semtech Corporation SC614EVB Datasheet HTML 23Page - Semtech Corporation SC614EVB Datasheet HTML 24Page - Semtech Corporation SC614EVB Datasheet HTML 25Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
23
POWER MANAGEMENT
Typical Characteristics (Cont.)
300
400
500
600
700
800
900
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VBAT(V)
LED 1-4 = 20mA
LED 5-7 = 100mA
LED VF = 3.388V
Battery Current (Main and Flash)
40
60
80
100
120
140
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VBAT(V)
LED 1-4 = 20mA
LED VF = 3.23V
Battery Current (Main only)
30
40
50
60
70
80
90
100
3.03.2
3.43.6
3.84.0
4.2
Utilized Power Efficiency
Conversion Efficiency
LED 1-4 = 20mA
LED 5-7 = 100mA
LED VF = 3.388V
VBAT(V)
Power Efficiency (Main and Flash)
30
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Utilized Power Efficiency
Conversion Efficiency
LED 1-4 = 20mA
LED VF = 3.23V
VBAT(V)
Power Efficiency (Main only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com