Electronic Components Datasheet Search
  English  ▼

X  

SC4520 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation SC4520 Datasheet HTML 10Page - Semtech Corporation SC4520 Datasheet HTML 11Page - Semtech Corporation SC4520 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
Application Information (Cont.)
Thermal Considerations
There are three major power dissipation sources for the
SC4520. The internal switch conduction loss, its switching
loss due to the high frequency switching actions and the
base drive boost circuit loss. These losses can be
estimated as:
)
(V
D
I
1000
10
V
I
10
10.8
D
R
I
P
boost
o
I
o
3
on
2
o
total
⋅
⋅
⋅
+
⋅
⋅
⋅
+
⋅
⋅
=
−
Where:
I
O = load current;
R
on = on-equivalent resistance of the switch;
V
BOOST = input voltage or output based on the boost circuit
connection.
The junction temperature of the SC4520 can be
further determined by:
total
JA
A
J
P
θ
T
T
⋅
+
=
θ
JA is the thermal resistance from junction to ambient.
Its value is a function of the IC package, the application
layout and the air cooling system.
The freewheeling diode also contributes a significant
portion of the total converter loss. This loss should be
minimized to increase the converter efficiency by using
Schottky diodes with low forward drop (V
F).
D)
(1
I
V
P
o
F
diode
−
⋅
⋅
=
Loop Compensation Design
The SC4520 has an internal error amplifier and requires
a compensation network to connect between the COMP
pin and GND pin as shown in Figure 3. The compensation
network includes C4, C5 and R3. R1 and R2 are used to
program the output voltage according to:
)
R
R
1
(
2
.
1
V
2
1
O
+
•
=
Assuming the power stage ESR (equivalent series
resistance) zero is an order of magnitude higher than
the closed loop bandwidth, which is typically one tenth of
the switching frequency, the power stage control to output
transfer function with the current loop closed (Ridley
model) for the SC4520 will be as follows:
C
R
1
s
1
R
4.3
(s)
G
L
L
VD
⋅
+
⋅
=
Where:
R
L – Load and
C – Output capacitor.
The goal of the compensation design is to shape the loop
to have a high DC gain, high bandwidth, enough phase
margin, and high attenuation for high frequency noises.
Figure 3 gives a typical compensation network which
offers 2 poles and 1 zero to the power stage:
1
IN
2
SW
3
4
EN
5
FB
6
COMP
7
FSET
8
SC4520
R2
R1
R3
C4
C
D2
L1
C5
Vout
IN
2
SW
3
EN
FB
COMP
SC452
R2
R1
R3
C4
C
D2
L1
C5
1
IN
2
SW
3
4
EN
5
FB
6
COMP
7
FSET
8
SC4520
R2
R1
R3
C4
C
D2
L1
C5
Vout
IN
2
SW
3
EN
FB
COMP
SC452
R2
R1
R3
C4
C
D2
L1
C5
Figure 3. Compensation network provides 2 poles and
1 zero.
The compensation network gives the following
characteristics:
2
1
2
m
P2
Z
1
COMP
R
R
R
g
)
ω
s
(1
s
ω
s
1
ω
(s)
G
+
⋅
⋅
+
⋅
+
⋅
=
Where:
5
4
1
C
C
1
ω
+
=
4
3
Z
C
R
1
ω
⋅
=
5
4
3
5
4
P2
C
C
R
C
C
ω
⋅
⋅
+
=
The loop gain will be given by:
)
ω
s
(1
)
ω
s
(1
ω
s
1
s
1
R
R
R
C
R
10
3.655
(s)
G
(s)
G
T(s)
P2
P1
Z
2
1
2
4
L
3
VD
COMP
+
⋅
+
+
⋅
+
⋅
⋅
⋅
=
⋅
=
−
Where:
C
R
1
ω
L
p1
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com