Electronic Components Datasheet Search
  English  ▼

X  

HT83R074 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT83R074
Description  Q-Voice
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83R074 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT83R074 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz/8MHz
2.4
¾
5.2
V
ISTB1
Standby Current (Watchdog Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current (Watchdog On)
3V
No load, system HALT
¾¾
2
mA
5V
¾¾
4
mA
IDD
Operating Current
3V
No load, fSYS=4MHz
¾¾
2mA
5V
¾¾
5mA
IOL1
I/O Port Sink Current
3V
VOL=0.1V
7
¾¾
mA
5V
15
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9V
-3.5
¾¾
mA
5V
-8
¾¾
mA
IOL2
PWM1/PWM2 Sink Current
3V
VOL=0.1V
50
¾¾
mA
5V
100
¾¾
mA
IOH2
PWM1/PWM2 Source Current
3V
VOH=0.9V
-14.5
¾¾
mA
5V
26
¾¾
mA
VIL1
Input Low Voltage (RES)
3V
¾
¾
1
¾
V
5V
¾
2
¾
V
VIH1
Input High Voltage (RES)
3V
¾
¾
2
¾
V
5V
¾
3.2
¾
V
VIL2
Input Low Voltage (RES)
3V
¾
¾
1.5
¾
V
5V
¾
2.5
¾
V
VIH2
Input High Voltage (RES)
3V
¾
¾
2.1
¾
V
5V
¾
3.5
¾
V
fSYS
System Frequency
3V
RTYPICAL=275k
W¾
4.0
¾
MHz
RTYPICAL=144k
W¾
8.0
¾
MHz
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT83R074
Rev. 1.00
5
May 17, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com