Electronic Components Datasheet Search
  English  ▼

X  

204 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 204
Description  104/204 In-Line Threaded Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

204 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  204 Datasheet HTML 1Page - Ashcroft, Inc. 204 Datasheet HTML 2Page - Ashcroft, Inc. 204 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TABLE 2 - BOTTOM
HOUSING MATERIALS
Material
Letter
Code
Steel
B
304L SS
C
316L SS
S
Hastelloy® B
G
Hastelloy® C-276
H
Carpenter 20®
D
Monel® 400
M
Top Housing and
Mounting Hardware only
X
TABLE 1 - DIAPHRAGM MATERIALS
Material
Letter
Code
100
Series
200
Series
Notes
316L SS
S
•
•
304L SS
C
•
•
904L SS
F
•
Monel® 400
P
•
•
200-series must be ordered with XYM
Monel® top housing option
Tantalum
U
•
•
Hastelloy®
C-276
H
•
•
Hastelloy® B
G
•
•
Hastelloy®
C-22
J
•
•
Carpenter 20®
D
•
•
PTFE
T
•
Temp limits: -40°F to 400°F
Viton®
Y
•
Temp limits: -40°F to 350°F
Max. pressure: 500 psi
Kalrez®
K
•
Temp limits: 30°F to 212°F
Max. pressure: 500 psi
Nickel
N
•
•
Titanium
Ti
•
Includes titanium top housing
Gold Plated
316L SS
W
•
TABLE 3 - FILL FLUIDS
Fill Fluid
Temperature
Viscosity
(cSt at RT)
Variation
Code
Notes
Glycerin (food grade)
0°F to 400°F (-18°C to 204°C)
1,300
CG
Direct-mounting only. Not for use with vacuum service
50 cSt Silicone
-40°F to 500°F (-40°C to 260°C)
50
CK
10 cSt Silicone
-40°F to 500°F (-40°C to 260°C)
10
DJ
Halocarbon® 4.2
-70°F to 300°F (-57°C to 199°C)
4.2
CF
For use with oxygen/oxidizing process media
Slytherm® 800
-40°F to 750°F (-40°C to 400°C)
10
HA
High temperature applications
Syltherm® XLT
-150°F to 500°F (-100°C to 260°C)
1.4
CC
Low temperature applications
Calflo® AF
-20°F to 600°F (-29°C to 316°C)
60
KF
High temperature, silicone-free
Mineral Oil
10°F to 400°F (-12°C to 204°C)
75
MY
Neobee® M-20 (food grade)
5°F to 400°F (-15°C to 204°C)
9.5
NM
Silicone (food grade)
-40°F to 500°F (-40°C to 260°C)
350
CZ
Distilled Water
40°F to 185°F (4°C to 85°C)
0.9
FJ
50/50 Glycerin/Water
15°F to 200°F (-9°C to 93°C)
30
GH
Propylene Glycol
-50°F to 325°F (-46°C to 163°C)
54
CV
Ethylene Glycol
20°F to 325°F (-7°C to 163°C)
14
FK
50/50 Ethylene Glycol/Water
-25°F to 190°F (-32°C to 88°C)
2.9
CT
80/20 Glycerin/Water
15°F to 225°F (-9°C to 107°C)
270
GR
95/5 Water/Propylene Glycol
40°F to 185°F (4°C to 85°C)
1.0
PY
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 104-204_seal_ds_RevB_06-21-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
2 of 3
104/204 In-Line Threaded Diaphragm Seal
Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com