Electronic Components Datasheet Search
  English  ▼

X  

SC411 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 13Page - Semtech Corporation SC411 Datasheet HTML 14Page - Semtech Corporation SC411 Datasheet HTML 15Page - Semtech Corporation SC411 Datasheet HTML 16Page - Semtech Corporation SC411 Datasheet HTML 17Page - Semtech Corporation SC411 Datasheet HTML 18Page - Semtech Corporation SC411 Datasheet HTML 19Page - Semtech Corporation SC411 Datasheet HTML 20Page - Semtech Corporation SC411 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Layout Guidelines
Figure 4: Reference Design
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground reference, VSSA, and the power ground pin, PGND, should both connect
directly to the device thermal pad. The thermal pad should connect to the ground plane(s) using multiple vias.
The VOUT feedback trace must be kept far away from noise sources such as switching nodes, inductors and gate
drives. Route the feedback trace in a quiet layer (if possible) from the output capacitor back to the chip. All compo-
nents should be located adjacent to their respective pins with an emphasis on the chip decoupling capacitors (VCCA
and VDDP) and the components that are shown connecting to VSSA in the above schematic. Make any ground con-
nections simply to the ground plane.
Power sections should connect directly to the ground plane(s) using multiple vias as required for current handling (in-
cluding the chip power ground connections). Power components should be placed to minimize loops and reduce loss-
es. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not use “minimum”
land patterns for power components. Minimize trace lengths between the gate drivers and the gates of the MOSFETs
to reduce parasitic impedances (and MOSFET switching losses), the low-side MOSFET is most critical. Maintain a
length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current handling requirements
(and to reduce parasitics) if routed on more than one layer. Current sense connections must always be made using
Kelvin connections to ensure an accurate signal, with the current limit resistor located at the device.
We will examine the reference design used in the Design Procedure section while explaining the layout guidelines in
more detail.
VOUT
C8
1nF
VBAT
R1
1M
PGOOD
Q1
IRF7811AV
C10
1uF
R4 7k87
C1 0u1
D1
C2
2n2/50V
VBAT
5VSUS
L1
2u2
+
C6
220u/25m
VOUT
R2
10R
5VSUS
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
Q2
FDS6676S
C5
56p
0402
0402
0402
0402
0402
0402
0603
0603
0402
0603
SOD323
0402
C3
0u1/25V
0603
C4
10u/25V
1210
+
C7
220u/25m
VBAT = 8V to 20V
VOUT = 1.2V @ 6A
7343
7343
C9
1uF
R3
20k0
R5
14k3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com