Electronic Components Datasheet Search
  English  ▼

X  

IXBH6N170 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBH6N170
Description  High Voltage, High Gain BIMOSFET??Monolithic Bipolar MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH6N170 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBH6N170 Datasheet HTML 1Page - IXYS Corporation IXBH6N170 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-247 AD Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
3
4
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
330
pF
C
oes
V
CE
= 25 V, V
GE = 0 V, f = 1 MHz
23
pF
C
res
6pF
Q
g
20
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
3.6
nC
Q
gc
8nC
t
d(on)
25
ns
t
ri
18
ns
t
d(off)
600
1000
ns
t
fi
1110
1600
ns
E
off
46 mJ
t
d(on)
25
ns
t
ri
20
ns
E
on
0.7
mJ
t
d(off)
660
ns
t
fi
1600
ns
E
off
5mJ
R
thJC
1.65 K/W
R
thCK
(TO-247)
0.25
K/W
Reverse Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F
= I
C90, VGE = 0 V, Pulse test,
3.0
V
t
< 300 us, duty cycle d < 2%
I
RM
I
F
= 6 A, V
GE = 0 V, -diF/dt = 50 A/us
6
A
t
rr
v
R
= 100A
360
ns
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 120 Ω
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 120 Ω
Min Recommended Footprint
TO-268 Outline
IXBH 6N170
IXBT
6N170



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com