Electronic Components Datasheet Search
  English  ▼

X  

SC471A Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC471A
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471A Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC471A Datasheet HTML 17Page - Semtech Corporation SC471A Datasheet HTML 18Page - Semtech Corporation SC471A Datasheet HTML 19Page - Semtech Corporation SC471A Datasheet HTML 20Page - Semtech Corporation SC471A Datasheet HTML 21Page - Semtech Corporation SC471A Datasheet HTML 22Page - Semtech Corporation SC471A Datasheet HTML 23Page - Semtech Corporation SC471A Datasheet HTML 24Page - Semtech Corporation SC471A Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
There are two sensitive, feedback-related pins at the chip:
VOUT and FB. Proper routing is needed to keep noise
away from these signals. All components connected to
FB should be located directly at the chip, and the copper
area of the FB node minimized. The VOUT trace that
feeds into the VOUT pin, which also feeds the FB resistor
divider, must be kept far away from noise sources such
as switching nodes, inductors and gate drives. Route the
VOUT trace in a quiet layer if possible, from the output
capacitor back to the chip.
For the switcher power section, there are a few key
guidelines to follow:
1) There should be a very small input loop between
the input capacitors, MOSFETs, inductor, and output
capacitors.
Locate the input decoupling capacitors
directly at the MOSFETs.
2) The phase node should be a large copper pour, but still
compact since this is the noisiest node.
3) The power GND connection between the input
capacitors, low-side MOSFET, and output capacitors
should be as small as is practical, with wide traces or
planes.
4) The impedance of the power GND connection
between the low-side MOSFET and the GND pin should
be minimized. This connection must carry the DL drive
current, which has high peaks at both rising and falling
edges. Use mulitple layers and multiple vias to minimize
impedance, and keep the distance as short as practical.
Finally, connecting the control and switcher power sections
should be accomplished as follows:
1) Route the VOUT feedback trace in a “quiet” layer, away
from noise sources.
2) Route DL, DH and LX (low side FET gate drive, high side
FET gate drive and phase node) to the chip using wide
traces, with multiple vias if using more than one layer.
These connections are to be as short as possible for loop
minimization, with a length to width ratio less than 20:1
to minimize impedance. DL is the most critical gate drive,
with power GND as its return path. LX is the noisiest node
in the circuit, switching between VBAT and ground at high
frequencies, thus should be kept as short as practical. DH
has LX as its return path. DL, DH, LX, and BST are high-
noise signals and should be kept well away from sensitive
signals, particularly FB and VOUT.
3) BST is also a noisy node and should be kept as short
as possible. The high-side DH driver is relies on the boost
capacitor to provide the DH drive current, so the boost
capacitor must be placed near the IC and connect to the
BST and LX pins using short, wide traces to minimize
impedance.
4) Connect the GND pin on the chip to the VCC decoupling
capacitor and then drop vias directly to the ground plane.
Locate the current limit resistor RLIM at the chip with a
kelvin connection to the drain of the lower MOSFET at the
phase node, and minimize the copper area of the ILIM
trace.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com