Electronic Components Datasheet Search
  English  ▼

X  

SC339EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC339EVB
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC339EVB Datasheet HTML 6Page - Semtech Corporation SC339EVB Datasheet HTML 7Page - Semtech Corporation SC339EVB Datasheet HTML 8Page - Semtech Corporation SC339EVB Datasheet HTML 9Page - Semtech Corporation SC339EVB Datasheet HTML 10Page - Semtech Corporation SC339EVB Datasheet HTML 11Page - Semtech Corporation SC339EVB Datasheet HTML 12Page - Semtech Corporation SC339EVB Datasheet HTML 13Page - Semtech Corporation SC339EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
SC339
PRELIMINARY
POWER MANAGEMENT
Applications Information (Cont.)
Using Ceramic Capacitors
SC339 is capable of operation using an all-ceramic so-
lution, needing only an external R-C compensation. The
Typical Application schematic (R3, C3) from page 1 is re-
produced here:
1.05 V @3A
SC339
IN
DRV
ADJ
PGD
EN
GND
C1
C2
C4
5V IN
1.05V
Enable
1.05 V
Power Good
1.2 V +/-5 % IN
IRF7311
or similar
Vout = (1+R1/R2)*0.5
Notes :
(1 ) Optional Components to use with ceramic output
capacitors
C3
(1)
R3
(1)
R1
R2
()
C2
Typical Applications Circuit
100
1K
10K
100K
1MEG
10MEG
-40
-20
20
40
60
0,0
Gain (dB)
FREQ (Hz)
Low frequency pole
generated internally
Pin
Low frequency zero
generated internally
Zin
Rout / Cout pole, moves with
the load current
Prout
High frequency pole
generated by ESR
and Output Capacitor
Ceramic Capacitor operation
with very low ESR for the
output capacitor . We get a
three pole 1 zero system as
shown above and is unstable
without external compensation
Pcout
-60
-90
-180
90
180
270
-270
PHASE
PHASE (deg)
Typical Frequency Response without Compensation and
Ceramic Output Capacitors:
SC339 Frequency Response with
Ceramic Output Capacitors and no Compensation
From this response we see that the system is not stable
as it has a phase margin of approximately 0 degrees.
For stable operation we introduce a low frequency pole
and a zero. The low frequency pole is used to roll off the
gain quicker and the zero is used to increase the band-
width of the system.
The Pole-Zero location:
100
1K
10K
100K
1MEG
10MEG
-40
-20
20
40
60
0,0
Gain (dB)
FREQ (Hz)
Pin + Pcomp
Zin + Zcomp
Prout
Ceramic Capacitor
Operation with
Compensation on DRV pin
Pcout
-60
-90
-180
90
180
270
-270
PHASE
PHASE (deg)
SC339 Frequency Response with
Ceramic Output Capacitors and R-C Compensation
From the above figure we can see that the overall re-
sponse of the system is stable with a decent phase
margin
It is important to select the external compensation zero
to be between 1 kHz and 5 kHz for optimum bandwidth
and phase margin. In this example we have selected
zero at approximately 3 kHz.
The compensation values are calculated by the following
empirical equation:
We chose a low R3 compensation value to roll off gain.
R3 = 100 Ω.
½ • •
R3 • C3 = 3kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com