Electronic Components Datasheet Search
  English  ▼

X  

ES2DVH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES2DVH
Description  2A, 200V Ultra Fast Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2DVH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES2DVH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2DVH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2DVH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2DVH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES2DVH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES2DVH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ES2DVH
Taiwan Semiconductor
1
Version: A2102
2A, 200V Ultra Fast Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low profile package
● Ultra Fast recovery time for high efficiency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.090g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
200
V
IFSM
50
A
TJ MAX
150
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ES2DVH
UNIT
Marking code on the device
ES2DV
Repetitive peak reverse voltage
VRRM
200
V
Reverse voltage, total rms value
VR(RMS)
140
V
Forward current
IF
2
A
Surge peak forward current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
50
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - ES2DVH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2DV TSC-ES2DV Datasheet
364Kb / 6P
2A, 200V Ultra Fast Surface Mount Rectifier
Version: C2102
logo
Nexperia B.V. All right...
ES2DVR NEXPERIA-ES2DVR Datasheet
401Kb / 14P
200 V, 2 A hyperfast PN-rectifier
More results

Similar Description - ES2DVH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A-LFR FRONTIER-US2A-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
2A, 200V Glass Passivated Ultra Fast Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com