Electronic Components Datasheet Search
  English  ▼

X  

ESH1DMH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ESH1DMH
Description  1A, 200V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH1DMH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ESH1DMH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESH1DMH
Taiwan Semiconductor
1
Version: B2110
1A, 200V Ultra Fast Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Very low profile - typical height of 0.68mm
● Reduce switching and conduction loss
● Ideal for automated placement
● Ultra fast recovery times for high frequency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: Micro SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.006g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
200
V
IFSM
15
A
TJ MAX
150
°C
Package
Micro SMA
Configuration
Single die
Micro SMA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ESH1DMH
UNIT
Marking code on the device
D3
Repetitive peak reverse voltage
VRRM
200
V
Reverse voltage, total rms value
VR(RMS)
140
V
Forward current
IF
1
A
Surge peak forward current 8.3ms single half sine
wave superimposed on rated load
IFSM
15
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - ESH1DMH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
1A, 200V - 600V Surface Mount Ultrafast Rectifiers
More results

Similar Description - ESH1DMH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS105 FRONTIER-MURS105 Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS105-LFR FRONTIER-MURS105-LFR Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
RS1DFS TSC-RS1DFS Datasheet
317Kb / 5P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
RS1D-T TSC-RS1D-T Datasheet
433Kb / 6P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
logo
First Silicon Co., Ltd
HS1AF FS-HS1AF Datasheet
405Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com