Electronic Components Datasheet Search
  English  ▼

X  

TQL851CSV50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TQL851CSV50
Description  50V, 500mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL851CSV50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TQL851CSV50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQL851CSV50
Taiwan Semiconductor
2
Version: A2206
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VIN
55
V
EN Voltage to GND
VEN
-0.3 to 55
V
OUT/RO/WDO Voltage to GND
VOUT/VRO/WDO
-0.3 to 7
V
WDI/RTH Voltage to GND
VWDI/VRTH
-0.3 to 7
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
ESD Rating (Human Body Model) (Note 2)
HBM
±2
kV
ESD Rating (Charged Device Model)
CDM
±1
kV
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction to Case Thermal Resistance
RӨJC
15
°C/W
Junction to Ambient Thermal Resistance
RӨJA
50
°C/W
Notes: The thermal data is based on the PCB JESD 51-
3 at natural convection on 1s0p board with 1 copper layer (1 x 70μm Cu)
and with 300mm2 heatsink area on PCB
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Power Supply Pin
VIN
VOUT+Vdr to 50
V
Extended Power Supply Pin
VIN,ext
3 to 50
V
EN Voltage to GND
VEN
0 to 50
V
Output Stable Capacitor
COUT
≧1
μF
ESR of Output Capacitor
ESR
≦100
Ω
Operating Junction Temperature Range
TJ
-40 to +150
°C
Operating Ambient Temperature Range
TOPA
-40 to +125
°C
ELECTRICAL SPECIFICATIONS (V
IN
= 13.5V, TJ = -40 to 150°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
Output Voltage
0.05mA < IOUT < 500mA
5.95V < VIN < 28V
VOUT
4.9
5
5.1
V
Output Voltage
0.05mA < IOUT < 200mA
5.44V < VIN < 40V
VOUT
4.9
5
5.1
V
Start-up Slew-rate
VIN > 18V/ms
COUT = 1
μF
0.5V < VOUT < 4.5V
dVOUT/dt
--
35
--
V/ms
Current Limit
0V < VOUT < 4.8V
Ilim
--
600
--
mA
Load Regulation
IOUT = 0.05 to 500mA
VIN = 6V
ΔVOUT,lo
-20
-1.5
+15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com