Electronic Components Datasheet Search
  English  ▼

X  

HT86R384 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT86R384
Description  Voice Synthesizer 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86R384 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT86R384 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86R384 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
HT86R384 V vs. F Characteristics Curve
HT86R384
Rev. 0.10
7
May 18, 2007
Preliminary
H T 8 6 R 3 8 4 V v s . F C h a r t ( F o r 3 . 0 V )
V D D ( V )
2
3
4
5
6
7
8
9
2 . 4
2 . 7
3
3 . 3
3 . 6
3 . 9
4 . 2
4 . 5
4 . 8
5 . 2
8 M H z / 1 5 5 k W
6 M H z / 2 0 2 k W
4 M H z / 3 0 0 k W
H T 8 6 R 3 8 4 V v s . F C h a r t ( F o r 4 . 5 V )
V D D ( V )
2
4
6
8
1 0
2 . 4
2 . 7
3
3 . 3
3 . 6
3 . 9
4 . 2
4 . 5
4 . 8
5 . 2
8 M H z / 1 4 8 k W
6 M H z / 1 9 6 k W
4 M H z / 2 9 3 k W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com