Electronic Components Datasheet Search
  English  ▼

X  

1298080 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1298080
Description  ES-FT-BPC-S 95-120 OG - Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1298080 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1298080 Datasheet HTML 1Page - PHOENIX CONTACT 1298080 Datasheet HTML 2Page - PHOENIX CONTACT 1298080 Datasheet HTML 3Page - PHOENIX CONTACT 1298080 Datasheet HTML 4Page - PHOENIX CONTACT 1298080 Datasheet HTML 5Page - PHOENIX CONTACT 1298080 Datasheet HTML 6Page - PHOENIX CONTACT 1298080 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Connector, Range of articles: BPC, housing material: PA, color: orange, number of positions: 1,
min. conductor cross section: 95 mm2, max. conductor cross section: 120 mm2, rated voltage:
1500, rated current: 350 A, Connection method: Screw/Solder connection, Contact connection
type: Pin
Your advantages
Patented design, with 3 proofs and one rotation
•
Safety lock
•
360° free rotation and flexible wiring
•
Foolproof mechanism installed
•
Touch-proof
•
Mismatching and short circuit proof
•
Commercial data
Item number
1298080
Packing unit
15 pc
Minimum order quantity
15 pc
Sales key
AB04
Product key
ABLDBA
GTIN
4063151537203
Weight per piece (including packing)
88 g
Weight per piece (excluding packing)
87.86 g
Customs tariff number
85359000
Country of origin
CN
ES-FT-BPC-S 95-120 OG - Connector
1298080
https://www.phoenixcontact.com/us/products/1298080
Dec 20, 2024, 4:44 AM
Page 1 (7)


Similar Part No. - 1298080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1298081 PHOENIX-1298081 Datasheet
201Kb / 7P
ES-FT-BPC-B 95-120 BK - Connector
1298082 PHOENIX-1298082 Datasheet
202Kb / 7P
ES-FT-BPC-B 95-120 OG - Connector
More results

Similar Description - 1298080

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2694140000 WEIDMULLER-2694140000 Datasheet
66Kb / 3P
A2C 95/120 3FT
2694090000 WEIDMULLER-2694090000 Datasheet
69Kb / 3P
A2C 95/120 PE
2694080000 WEIDMULLER-2694080000 Datasheet
64Kb / 3P
A2C 95/120 FE
2694070000 WEIDMULLER-2694070000 Datasheet
65Kb / 3P
A2C 95/120 BL
2694060000 WEIDMULLER-2694060000 Datasheet
63Kb / 3P
A2C 95/120
2742120000 WEIDMULLER-2742120000 Datasheet
62Kb / 3P
A2C 95/120 DL
logo
PHOENIX CONTACT
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231076 PHOENIX-1231076 Datasheet
242Kb / 9P
ES-C4F-S-CO1 - Connector
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com