Electronic Components Datasheet Search
  English  ▼

X  

SC2620EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2620EVB
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC2620EVB Datasheet HTML 1Page - Semtech Corporation SC2620EVB Datasheet HTML 2Page - Semtech Corporation SC2620EVB Datasheet HTML 3Page - Semtech Corporation SC2620EVB Datasheet HTML 4Page - Semtech Corporation SC2620EVB Datasheet HTML 5Page - Semtech Corporation SC2620EVB Datasheet HTML 6Page - Semtech Corporation SC2620EVB Datasheet HTML 7Page - Semtech Corporation SC2620EVB Datasheet HTML 8Page - Semtech Corporation SC2620EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Pin Configuration
Ordering Information
Underside metal must be soldered to ground.
Pin #
Pin Name
Pin Function
1, 8
FB1, FB2
The inverting inputs of the error amplifiers. Each FB pin is tied to a resistive divider between its
output and ground to set the channel output voltage.
2, 7
BOOST1,
BOOST2
Supply pins to the power transistor drivers. Tie to external diode-capacitor charge pumps to
generate drive voltages higher than VIN in order to fully enhance the internal NPN power switches.
3, 6
SW1, SW2
Emitters of the internal power NPN transistors. Each SW pin is connected to the corresponding
inductor, freewheeling diode and bootstrap capacitor.
4, 5
PVIN1, PVIN2
Collectors of the internal power transistors and the power supplies to the corresponding current
sensing circuits. Pins 4 and 5 are not internally connected. They must be joined on the PCB and
closely bypassed to the power ground plane.
9, 16
COMP1,
COMP2
Outputs of the internal error amplifiers. The voltages at these pins control the peak switch
currents. RC networks at these pins stabilize the control loops. Pulling either pin below 0.7V
stops the corresponding switching regulator.
10, 14
SS1, SS2
A capacitor from either SS pin to ground provides soft-start and overload hiccup functions for
that channel. Pulling either SS pin below 0.8V with an open drain or collector transistor shuts off
the corresponding regulator. To completely shut off the SC2620 to low-current state, pull both SS
pins to ground. Soft-start is recommended for all applications.
11
GND
Analog ground. Connect to the PCB power ground plane at a single point.
12
VIN
Power supply to the analog control section of the SC2620. Connect to the PVIN pins through an
optional RC filter.
13
ROSC
An external resistor between this pin and the analog ground sets the channel switching frequency.
15
PGOOD1
Open collector output of Channel 1 power good comparator. Tie to an external pull-up resistor
from the input or the output of the converter. PGOOD1 output becomes valid as soon as V
IN rises
above 1 V
BE during power-up. PGOOD1 is actively pulled low until FB1 voltage rises to within
10% of its final regulation voltage.
Underside
Metal
The exposed pad at the bottom of the package is electrically connected to the ground pin of the
SC2620. It also serves as a thermal contact to the circuit board. It is to be soldered to the analog
ground plane of the PC board.
Pin Descriptions
Part Number
Package
SC2620SETRT(1)(2)
SOIC-16 EDP
SC2620EVB
Evaluation Board
Notes:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
1
2
3
4
5
6
7
8
FB1
BOOST1
TOP VIEW
(16 Pin SOIC-EDP)
13
12
14
15
16
11
10
9
COMP1
SW1
PGOOD1
PVIN1
SS1
GND
SS2
ROSC
VIN
COMP2
SW2
FB2
BOOST2
PVIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com