Electronic Components Datasheet Search
  English  ▼

X  

SC620ULTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC620ULTRT
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620ULTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC620ULTRT Datasheet HTML 5Page - Semtech Corporation SC620ULTRT Datasheet HTML 6Page - Semtech Corporation SC620ULTRT Datasheet HTML 7Page - Semtech Corporation SC620ULTRT Datasheet HTML 8Page - Semtech Corporation SC620ULTRT Datasheet HTML 9Page - Semtech Corporation SC620ULTRT Datasheet HTML 10Page - Semtech Corporation SC620ULTRT Datasheet HTML 11Page - Semtech Corporation SC620ULTRT Datasheet HTML 12Page - Semtech Corporation SC620ULTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
The I2C General Specification
The SC620 is a read-write slave-mode I2C device and com-
plies with the Philips I2C standard Version 2.1 dated Janu-
ary, 2000. The SC620 has eight user-accessible internal
8-bit registers. While there is no auto increment/decrement
capability in the SC620 I2C logic, a tight software loop can
be designed to randomly access the next register indepen-
dent of which register you begin accessing. The start and
stop commands frame the data-packet and the repeat start
condition is allowed if necessary.
SC620 Limitations to the I2C Specifications
Seven bit addressing is used and ten bit addressing is not
allowed. Any general call address will be ignored by the
SC620. The SC620 is not CBUS compatible. The SC620
can operate in standard mode (100kbit/s) or fast mode
(400kbit/s).
Supported Formats:
Direct Format - Write
The simplest format for an I2C write is Direct Format. After
the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC620 I2C then
acknowledges that it is being addressed, and the master
responds with an 8 bit data byte consisting of the register
address. The slave acknowledges and the master sends
the appropriate 8 bit data byte. Once again the slave ac-
knowledges and the master terminates the transfer with
the stop condition [P].
Using the I2C Serial Port
Combined Format - Read
After the start condition [S], the slave address is sent, fol-
lowed by an eighth bit indicating a write. The SC620 I2C
then acknowledges that it is being addressed, and the
master responds with an 8 bit data byte consisting of the
register address. The slave acknowledges and the master
sends the repeated start condition [Sr]. Once again, the
slave address is sent, followed by an eighth bit indicating
a read. The slave responds with an acknowledge and the
previously addressed 8 bit data byte; the master then sends
a non-acknowledge (NACK). Finally, the master terminates
the transfer with the stop condition [P].
Stop Separated Reads
Stop separated reads can also be used. This format al-
lows a master to set up the register address pointer for
a read and return to that slave at a later time to read the
data. In this format the slave address followed by a write
command are sent after a start [S] condition. The SC620
then acknowledges it is being addressed, and the master
responds with the 8-bit register address. The master sends
a stop or restart condition and may then address another
slave. After performing other tasks, the master can send
a start or restart condition to the SC620 with a read com-
mand. The SC620 acknowledges this request and returns
the data from the register location that had previously
been set up.
9
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com