Electronic Components Datasheet Search
  English  ▼

X  

V013VB Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # V013VB
Description  3 & 5 Valve Remote Mount Manifolds - V01 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

V013VB Datasheet(HTML) 2 Page - Ashcroft, Inc.

  V013VB Datasheet HTML 1Page - Ashcroft, Inc. V013VB Datasheet HTML 2Page - Ashcroft, Inc. V013VB Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. V01_3V-5V_valve_acces_ds_RevC_05-21-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
3 & 5 Valve Remote Mount Manifolds - V01 Series
of 3
2
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. V01-3V-ds_ds_RevD_11-02-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
Data Sheet
DIMENSIONS (DIMENSIONS IN [ ] ARE DECIMAL INCHES)
DIMENSIONS (DIMENSIONS IN [ ] ARE DECIMAL INCHES)
3-Valve Manifold
(REMOTE MOUNT)
Drawings are for reference only, consult Ashcroft for specific dimensional drawings.
Drawings are for reference only, consult Ashcroft for specific dimensional drawings.
ORDERING CODE
Example::
50
V01 3VB
SS
50
XP7
Process Connection
50 - ½ NPT Female
50
Series Code
V01 - Valve
V01
Version
3VB - 3 Valve manifold
3VB
5VB - 5 Valve manifold
Material
SS - 316 Stainless steel
SS
Instrument Connection
86 - ¼ NPT Male (swivel for direct mount only)
50 - ½ NPT Female
50
Options (if choosing an option(s) must include an “X”)
X _ _
P7 - Power piping acc. to ASME B31.1
P7
2G - Graphite bonnet for high temperatures
HY - Hydrostatic testing
MQ - Positive material identification (PMI-Test)
NH - Stainless steel tags wired to valve
TM - 2˝ Pipe mounting bracket
5G - Valve attached to instrument (accessary attached must be compatible with instrument)
5-Valve Manifold
(REMOTE MOUNT)
85.00
64.00
226.00
Flow
54.00
105.00
246.00
Flow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com