Electronic Components Datasheet Search
  English  ▼

X  

V02 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # V02
Description  V02 Series Monoflange
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

V02 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  V02 Datasheet HTML 1Page - Ashcroft, Inc. V02 Datasheet HTML 2Page - Ashcroft, Inc. V02 Datasheet HTML 3Page - Ashcroft, Inc. V02 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. V02-monoflange_ds_RevA_10-05-20
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
V02 Series Monoflange
of 4
2
ORDERING CODE
Example::
MD
V02
50
150
RF
SS
50 - X2G
Monoflange Model
MD - Block and Bleed (OS&Y Bolted Bonnet Design)
MD
MG - Double Block and Bleed (OS&Y Bolted Bonnet Design)
MN - Block and Bleed (Screwed Bonnet Design)
Series Code
V02 - Valve
V02
Flange Connection
50 - ½˝
50
10 - 1˝
15 - 1½˝
20 - 2˝
30 - 3˝
Flange Rating (see ASME B16.5 for pressure/temperature ratings)
150 - ASME 150
150
300 - ASME 300
600 - ASME 600
900 - ASME 900
1500 - ASME 1500
2500 - ASME 2500
Flange Type
RF - Raised Face
RF
RJ - Ring Joint
Material
SS - 316L Stainless Steel
SS
Instrument Connection
50 - ½ NPT Female
50 -
Options (if choosing an option(s) must include an “X”)
X _ _
C3 - Material traceability report per EN 10204 3.1
CD-5 - Certificate according to NACE for oil fields MR0175/ISO 15156-2009 and for refineries MR0103-2010
P7 - Power piping acc. to ASME B31.1 (includes graphite packing for head unit)
HY - Hydrostatic testing
NH - Stainless Steel Tags wired to valve
6B - Cleaned for oxygen service



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com