Electronic Components Datasheet Search
  English  ▼

X  

V025VB Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # V025VB
Description  Direct and Remote Mount 5-Valve Manifolds - V02 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

V025VB Datasheet(HTML) 2 Page - Ashcroft, Inc.

  V025VB Datasheet HTML 1Page - Ashcroft, Inc. V025VB Datasheet HTML 2Page - Ashcroft, Inc. V025VB Datasheet HTML 3Page - Ashcroft, Inc. V025VB Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
Data Sheet
Direct and Remote Mount
5-Valve Manifolds - V02 Series
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the
property of their respective owners: Monel®, Hastelloy®. For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. 5valve-02_ds_RevC_11-22-22
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
50
V02
5VB
SS
50
XNH
Process Connection
50 - ½ NPT Female
50
Series Code
V02 - V02 Series valve
V02
Valve Style
5VA - Style A - Direct (compatible with 5503, instrument connection code 60 only)
5VB
5VB - Style B - Remote
Material
SS - 316 Stainless steel
SS
PM - Monel® 400 (2.4360)
HH - Hastelloy® C-276 (2.4819)
Instrument Connection
50 - ½ NPT Female
50
60 - IEC Type A (style A only)
Options (if choosing an option(s) must include an “X”)
X _ _
2G - Graphite bonnet for high temperatures
HY - Hydrostatic test certificate
MQ - Positive Material Identification (PMI-Test)
NH - Stainless steel tag wired to manifold
NH
TM - 2˝ Pipe mounting bracket (Style B only)
CD-5 - Certificate according to NACE for Oilfields MR0175/ISO 15156-2009 and for Refineries MR0103-2010
C3 - Material traceability report per EN 10204 3.1
P7 - Compliance with power piping ASME B31.1(includes graphite packing) (V02 only)
6B - Cleaned for oxygen service



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com