Electronic Components Datasheet Search
  English  ▼

X  

SC805AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC805AEVB
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC805AEVB Datasheet HTML 9Page - Semtech Corporation SC805AEVB Datasheet HTML 10Page - Semtech Corporation SC805AEVB Datasheet HTML 11Page - Semtech Corporation SC805AEVB Datasheet HTML 12Page - Semtech Corporation SC805AEVB Datasheet HTML 13Page - Semtech Corporation SC805AEVB Datasheet HTML 14Page - Semtech Corporation SC805AEVB Datasheet HTML 15Page - Semtech Corporation SC805AEVB Datasheet HTML 16Page - Semtech Corporation SC805AEVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
 2007 Semtech Corp.
www.semtech.com
SC805A
5
POWER MANAGEMENT
State Diagram
Shutdown Mode
Vout/Iout off
CHRGB High Z
Soft Start CC Mode
Start Pre-Charge
OVP> Vin > UVLO
Iout=1500/Rprog
Iout =150/Rterm
Under-Voltage will force the
SC805A into Shutdown Mode
from any state.
Over-Voltage will disable
the output, suspend the
timer, and blink CHRGB.
Monitor Mode
Vout=off
Float Charge Mode
Vout = CV
Yes
Soft Start Vout
Yes
En=Hi
Timer
Enabled?
Start Timer
Vout>2.8V
Time>Tmax/4
Iout<Iterm
Vout=CV
Start CV Mode
CHRGB Low
CHRGB High
Timer
Enabled?
Time>Tmax
Vout< CV-100mV
Pre- Charge
Timeout Fault
CHRGB blinks at 1Hz
Cleared by
Vbat >2.8V or
Re - cycle EN or VCC
NTC out of Range Fault
CHRGB blinks at 1Hz
Timer is frozen
Charge resumes when NTC
Temperature is valid
0oC > NTC Temp >50oC
CC=Constant Current
CV=Constant Voltage
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Time=0
Iout<Iterm
CHRGB High
Yes
Time>Tmax
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com