Electronic Components Datasheet Search
  English  ▼

X  

AMS6915 Datasheet(PDF) 6 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 6 Page - Analog Microelectronics GmbH

Back Button AMS6915 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 10Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2024, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 3.1
6/14
INITIAL OPERATION
Electrical Connection
The electrical connection of AMS 6915 sensors is typically made by soldering them directly on a printed
circuit board or by mounting them on a suitable socket. The basic circuit of the AMS 6915 sensor is shown in
Figure 2. To read data from the digital output, it is enough to connect PIN1 (GND), PIN2 (VCC) and the I2C-
bus lines to PIN3 (SDA) and PIN4 (SCL). Pins 5 to 8 are internally not connected and can be left
unconnected.
Important: For I2C-bus communication, each bus line (SCL and SDA) has to be connected to the positive
supply voltage (pin Vs e.g. +3.3 V / 5 V depending on the sensor type) via a pull-up resistor. Please add pull-
up resistors (4.7 kΩ are recommended) to your bus line if they are not integrated in the I2C-master.
Pressure Connection
The pressure connection is established by mounting hoses / flexible tubing on the sensor
’s pressure port(s).
Depending on the sensor type and the type of measuring pressure, one or two of the pressure ports are
connected to the measuring medium / volume, as described in the table below:
wherein p1 = pressure at port 1 and p2 = pressure at port 2. For port declaration see Figure 5 and Figure 6.
The media compatibility of pressure port 1 and port 2 can be found in
“Specification notes”, 7 and 8.
Notes:
1.
For horizontal pressure port configuration Analog Microelectronics recommends a silicone hose tubing with inner
diameter Ø = 1.6 mm, outer diameter Ø = 3.2 mm and for vertical pressure port configuration a silicone hose
tubing with inner diameter Ø = 2 mm, outer diameter Ø = 6 mm. For pressure connections above 2 bar PU or PA
tubing is recommended. Suitable tubing can be found on
AMS 6915’s product page.
2.
ESD precautions are necessary, it is essential to ground machines and personnel properly during assembly and
handling of the device.
Sensor type
Pressure type to measure
Port 1
Port 2
Requirement
AMS 6915-xxxx-D
Differential
connected to p1
connected to p2
p1 ≥ p2
positive gage
connected to p1
open
p1 ≥ pambient
negative gage (vacuum)
open
connected to p2
p2 ≤ pambient
AMS 6915-xxxx-D-B
differential (bidirectional)
connected to p1
connected to p2
p1 ≥ p2 or p1 ≤ p2
AMS 6915-xxxx-G
positive gage
connected to p1
not available
p1 ≥ pambient
AMS 6915-xxxx-A
absolute pressure
not available
connected to p2
p2 = meas. Pressure
AMS 6915-xxxx-B
barometric pressure
not available
connected to p2
p2 = meas. Pressure
Figure 2: Principle electric circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com