Electronic Components Datasheet Search
  English  ▼

X  

SS110-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # SS110-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS110-HF Datasheet(HTML) 1 Page - Comchip Technology

  SS110-HF Datasheet HTML 1Page - Comchip Technology SS110-HF Datasheet HTML 2Page - Comchip Technology SS110-HF Datasheet HTML 3Page - Comchip Technology SS110-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 40 to 200 Volts
Forward Current: 1.0 Amp
RoHS Device
Maximum Ratings and Electrical Characteristics
Halogen Free
Features
- Metal silicon junction, majority carrier conduction
- For surface mounted applications
- Low power loss, high efficiency
- High forward surge current capability
- For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Mechanical data
- Case: SMA
- Terminals: Solderable per MIL-STD-750, Method 2026
- Approx. Weight: 70mg / 0.0025oz
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.063 (1.60)
0.051 (1.30)
0.106 (2.70)
0.090 (2.30)
0.177 (4.50)
0.157 (4.00)
0.012(0.30)
0.205 (5.20)
0.185 (4.70)
0.059 (1.50)
0.035 (0.90)
0.087 (2.20)
0.075 (1.90)
TYP.
SMD Schottky Barrier Rectifiers
Page 1
REV:B
SS14-HF Thru. SS120-HF
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4 V D.C
2. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
SP-JB015
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz resistive or inductive load, for capacitive load, derate by 20 %
Maximum DC blocking voltage
Parameter
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
Typical junction capacitance (Note 1)
40
V
28
V
V
1.0
-55 ~ +125
A
A
V
mA
pF
°C
Units
40
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rated load (JEDEC method)
Max instantaneous forward voltage at 1 A
Maximum DC reverse current
Tj = 25
°C
at rated DC reverse voltage
Tj =100
°C
Operating junction temperature range
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
Cj
Tj
Symbols
60
42
60
100
100
0.55
0.70
0.85
110
200
200
150
105
150
0.90
80
25
70
140
0.3
10
IR
0.2
5
90
Typical thermal resistance (Note 2)
°C/W
RθJA
0.1
2
Tstg
Storage temperature range
-55 ~ +150
°C
SS14
SS16
SS110
SS120
SS115


Similar Part No. - SS110-HF

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS110-100V-DO-214AC DGNJDZ-SS110-100V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SS110-G COMCHIP-SS110-G Datasheet
110Kb / 2P
SMD Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SS110-L MCC-SS110-L Datasheet
259Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS110-L MCC-SS110-L Datasheet
274Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Dc Components
SS110-L DCCOM-SS110-L Datasheet
32Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SS110-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com