Electronic Components Datasheet Search
  English  ▼

X  

SC192EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC192EVB
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC192EVB Datasheet HTML 6Page - Semtech Corporation SC192EVB Datasheet HTML 7Page - Semtech Corporation SC192EVB Datasheet HTML 8Page - Semtech Corporation SC192EVB Datasheet HTML 9Page - Semtech Corporation SC192EVB Datasheet HTML 10Page - Semtech Corporation SC192EVB Datasheet HTML 11Page - Semtech Corporation SC192EVB Datasheet HTML 12Page - Semtech Corporation SC192EVB Datasheet HTML 13Page - Semtech Corporation SC192EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© 2007 Semtech Corp.
www.semtech.com
SC192
PRELIMINARY
POWER MANAGEMENT
Applications Information Cont.
The plots below were taken at Vin = 3.6V, Vout = 1.8V, with the compensation components listed in Table 1.
The upper plot is LX, the middle plot is output voltage, the lower plot is the current transient of 0.1A to 0.6A
PSAVE, Cout = 20uF, Lout = 10uH
PWM, Cout = 20uF, Lout = 10uH
PSAVE, Cout = 10uF, Lout = 10uH
PWM, Cout = 10uF, Lout = 10uH
TABLE 1
T
U
O
VT
U
O
V
T
U
O
V
T
U
O
VT
U
O
V2
R2
R2
R2
R2
R
F
u
0
1
=
t
u
o
C
=
6
CF
u
0
1
=
t
u
o
C
=
6
C
F
u
0
1
=
t
u
o
C
=
6
C
F
u
0
1
=
t
u
o
C
=
6
CF
u
0
1
=
t
u
o
C
=
6
C
H
u
0
1
=
1
LH
u
0
1
=
1
L
H
u
0
1
=
1
L
H
u
0
1
=
1
LH
u
0
1
=
1
L
F
u
2
2
=
t
u
o
C
=
6
CF
u
2
2
=
t
u
o
C
=
6
C
F
u
2
2
=
t
u
o
C
=
6
C
F
u
2
2
=
t
u
o
C
=
6
CF
u
2
2
=
t
u
o
C
=
6
C
H
u
0
1
=
1
LH
u
0
1
=
1
L
H
u
0
1
=
1
L
H
u
0
1
=
1
LH
u
0
1
=
1
L
F
u
7
.
4
=
t
u
o
C
=
6
CF
u
7
.
4
=
t
u
o
C
=
6
C
F
u
7
.
4
=
t
u
o
C
=
6
C
F
u
7
.
4
=
t
u
o
C
=
6
CF
u
7
.
4
=
t
u
o
C
=
6
C
H
u
7
.
4
=
1
LH
u
7
.
4
=
1
L
H
u
7
.
4
=
1
L
H
u
7
.
4
=
1
LH
u
7
.
4
=
1
L
V
3
.
3k
0
3
1
F
p
0
7
4
=
4
C
k
2
1
=
8
R
F
p
0
7
4
=
4
C
k
8
2
=
8
R
F
p
0
7
4
=
4
C
k
9
1
.
6
=
8
R
V
5
.
2k
7
8
1
V
8
.
1k
9
0
3
V
5
.
1k
2
4
4
V
0
.
1M
0
3
.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com