Electronic Components Datasheet Search
  English  ▼

X  

SC415MLTRT Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC415MLTRT
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415MLTRT Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC415MLTRT Datasheet HTML 21Page - Semtech Corporation SC415MLTRT Datasheet HTML 22Page - Semtech Corporation SC415MLTRT Datasheet HTML 23Page - Semtech Corporation SC415MLTRT Datasheet HTML 24Page - Semtech Corporation SC415MLTRT Datasheet HTML 25Page - Semtech Corporation SC415MLTRT Datasheet HTML 26Page - Semtech Corporation SC415MLTRT Datasheet HTML 27Page - Semtech Corporation SC415MLTRT Datasheet HTML 28Page - Semtech Corporation SC415MLTRT Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SC415
25
Typical Characteristics (continued)
VOUT1 Efficiency, 1.8V PSave Enabled
VOUT2 Efficiency, 1.5V PSave Enabled
VOUT1 Efficiency, 1.8V PSave Disabled
VOUT2 Efficiency, 1.5V PSave Disabled
60%
65%
70%
75%
80%
85%
90%
95%
100%
0123456789
10
10V
20V
15V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0123456789
10
10V
20V
15V
LOAD (A)
LOAD (A)
60%
65%
70%
75%
80%
85%
90%
95%
100%
0123456789
10
10V
20V
15V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0123456789
10
10V
20V
15V
LOAD (A)
LOAD (A)
Load Step VOUT1, 1.8V
Load Step VOUT2, 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com