Electronic Components Datasheet Search
  English  ▼

X  

SC623 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC623
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC623 Datasheet HTML 13Page - Semtech Corporation SC623 Datasheet HTML 14Page - Semtech Corporation SC623 Datasheet HTML 15Page - Semtech Corporation SC623 Datasheet HTML 16Page - Semtech Corporation SC623 Datasheet HTML 17Page - Semtech Corporation SC623 Datasheet HTML 18Page - Semtech Corporation SC623 Datasheet HTML 19Page - Semtech Corporation SC623 Datasheet HTML 20Page - Semtech Corporation SC623 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SC623
17
FL[2:0]
These bits are used to set the current for the flash current
sink when configured for flash or spotlight by the FL/SPLB
bit. Bits FL[2:0] set the flash or spotlight current, as shown
in Table 2.
Table 2 — Flash/Spotlight Control Bits
FL_2
FL_1
FL_0
FL/
SPLB
Flash/Spotlight
Current (mA)
0
0
0
0
OFF
00
1
0
50
0
1
0
0
100
0
1
1
0
150
1
0
0
0
200
1
0
1
0
250
1
1
0
0
250
1
1
1
0
250
0
0
0
1
OFF
0
0
1
1
300(1)
0
1
0
1
350(1)
0
1
1
1
400(1)
1
0
0
1
400(1)
1
0
1
1
400(1)
1
1
0
1
400(1)
1
1
1
1
400(1)
Note:
(1)
When on continuously, the device may reach the temperature
limit with 300mA and higher.
FL/SPLB
This bit is used to select either the flash or spotlight
current ranges. If this bit is set, the FL current sink can
be used to drive a flash of maximum duration 500ms and
the current range will be the high (flash) current range. If
this bit is cleared, the FL current sink can be used to drive
a continuous spotlight at a lower current and the current
range will be the lower (spotlight) current range, as shown
in Table 2.
Register and Bit Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com