Electronic Components Datasheet Search
  English  ▼

X  

SC621AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC621AEVB
Description  Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC621AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC621AEVB Datasheet HTML 1Page - Semtech Corporation SC621AEVB Datasheet HTML 2Page - Semtech Corporation SC621AEVB Datasheet HTML 3Page - Semtech Corporation SC621AEVB Datasheet HTML 4Page - Semtech Corporation SC621AEVB Datasheet HTML 5Page - Semtech Corporation SC621AEVB Datasheet HTML 6Page - Semtech Corporation SC621AEVB Datasheet HTML 7Page - Semtech Corporation SC621AEVB Datasheet HTML 8Page - Semtech Corporation SC621AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SC621A
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Fault Protection (continued)
Charge Pump
Over-Voltage Protection
V
OVP
VOUT pin open circuit, V
OUT
= V
OVP
rising threshold
5.3
5.7
6.0
V
Undervoltage Lockout
V
UVLO
Decreasing V
IN
2.4
V
V
UVLO-HYS
300
mV
Charge Pump Electrical Specifications
Maximum Total Output
Current
I
OUT(MAX)
V
IN
> 3.4V, sum of all active LED currents,
V
OUT(MAX)
= 4.0V
500
mA
Backlight Current Setting
I
BL
Nominal setting for BL1 thru BL4
0.5
25
mA
Flash Current Setting
I
FL
Nominal setting for FL
50
400
mA
Backlight Current Accuracy
I
BL_ACC
V
IN
= 3.7V, I
BL
= 12mA, T
A
= 25°C
-8
±1.5
+8
%
Backlight Current Matching
I
BL-BL
V
IN
= 3.7V, I
BL
= 12mA(3)
-3.5
±0.5
+3.5
%
Flash Current Accuracy
I
FL_ACC
V
IN
= 3.7V, I
FL
= 400mA, T
A
= 25°C
-15
+15
%
1x Mode to 1.5x Mode
Falling Transition Voltage
V
TRANS1x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 3.2V
3.27
V
1.5x Mode to 1x Mode
Hysteresis
V
HYST1x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 3.2V
250
mV
1.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS1.5x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 4.0V(4)
2.92
V
2x Mode to 1.5x Mode
Hysteresis
V
HYST1.5x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 4.0V(4)
300
mV
Current Sink Off-State
Leakage Current
I
BLn
V
IN
= V
BLn
= 4.2V
0.1
1
μA
Pump Frequency
f
PUMP
V
IN
= 3.2V
250
kHz
LDO Electrical Specifications
LDO1 Voltage Setting
V
LDO1
Range of nominal settings
in 100mV increments
2.5
3.3
V
LDO2 Voltage Setting
V
LDO2
Range of nominal settings
in 100mV increments
1.5
1.8
V
LDO1, LDO2 Output
Voltage Accuracy
V
LDO1,
V
LDO2
V
IN
= 3.7V, I
LDO
= 1mA
-3.5
±3
+3.5
%
Line Regulation
ΔV
LINE
LDO1, I
LDO1
= 1mA, V
OUT
= 2.8V
2.1
7.2
mV
LDO2, I
LDO2
= 1mA, V
OUT
= 1.8V
1.3
4.8
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com