Electronic Components Datasheet Search
  English  ▼

X  

SC627 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC627
Description  LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC627 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC627 Datasheet HTML 4Page - Semtech Corporation SC627 Datasheet HTML 5Page - Semtech Corporation SC627 Datasheet HTML 6Page - Semtech Corporation SC627 Datasheet HTML 7Page - Semtech Corporation SC627 Datasheet HTML 8Page - Semtech Corporation SC627 Datasheet HTML 9Page - Semtech Corporation SC627 Datasheet HTML 10Page - Semtech Corporation SC627 Datasheet HTML 11Page - Semtech Corporation SC627 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SC627
8
Typical Characteristics (continued)
Load Regulation (LDO1)
-24
-16
-8
0
8
16
24
030
60
90
120
150
ILDO1(mA)
VLDO1=3.3V, VIN=3.7V, 25°C
Noise vs Load Current (LDO1)
50
60
70
80
90
100
0
20
40
60
80
100
ILDO1 (mA)
VLDO1=2.8V, VIN=3.7V, 25°C
Load Regulation (LDO2)
-24
-16
-8
0
8
16
24
0
30
60
90
120
150
ILDO2(mA)
VLDO2=1.8V, VIN=3.7V, 25°C
Noise vs Load Current (LDO2)
0
20
40
60
80
100
0
20
40
60
80
100
ILDO2 (mA)
VLDO2=1.8V, VIN=3.7V, 25°C
Line Regulation (LDO1)
-3
-2
-1
0
1
2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VLDO1=2.8V, ILDO1=1mA, 25°C
Line Regulation (LDO2)
-3
-2
-1
0
1
2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VLDO2=1.8V, ILDO2=1mA, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com