Electronic Components Datasheet Search
  English  ▼

X  

SC627A Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC627A
Description  LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC627A Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC627A Datasheet HTML 16Page - Semtech Corporation SC627A Datasheet HTML 17Page - Semtech Corporation SC627A Datasheet HTML 18Page - Semtech Corporation SC627A Datasheet HTML 19Page - Semtech Corporation SC627A Datasheet HTML 20Page - Semtech Corporation SC627A Datasheet HTML 21Page - Semtech Corporation SC627A Datasheet HTML 22Page - Semtech Corporation SC627A Datasheet HTML 23Page - Semtech Corporation SC627A Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SC627A
21
The I2C General Specification
The SC627A is a read-write slave-mode I2C device and
complies with the Philips I2C standard Version 2.1, dated
January 2000. The SC627A has four user-accessible
internal 8-bit registers. The I2C interface has been
designed for program flexibility, supporting direct format
for write operation. Read operations are supported on
both combined format and stop separated format. While
there is no auto increment/decrement capability in the
SC627A I2C logic, a tight software loop can be designed
to randomly access the next register independent of
which register you begin accessing. The start and stop
commands frame the data-packet and the repeat start
condition is allowed if necessary.
SC627A Limitations to the I2C Specifications
The SC627A only recognizes seven bit addressing. This
means that ten bit addressing and CBUS communication
are not compatible. The device can operate in either
standard mode (100kbit/s) or fast mode (400kbit/s).
Slave Address Assignment
The seven bit slave address is
0110 111x.The eighth bit is
the data direction bit.
0x6E is used for a write operation,
and
0x6F is used for a read operation.
Supported Formats
The supported formats are described in the following
subsections.
Direct Format — Write
The simplest format for an I2C write is direct format. After
the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC627A I2C then
acknowledges that it is being addressed, and the master
responds with an 8 bit data byte consisting of the register
address. The slave acknowledges and the master sends
the appropriate 8 bit data byte. Once again the slave
acknowledges and the master terminates the transfer
with the stop condition [P].
Combined Format — Read
After the start condition [S], the slave address is sent,
followed by an eighth bit indicating a write. The SC627A
I2C then acknowledges that it is being addressed, and the
master responds with an 8 bit data byte consisting of the
register address. The slave acknowledges and the master
sends the repeated start condition [Sr]. Once again, the
slave address is sent, followed by an eighth bit indicating
a read. The slave responds with an acknowledge and the
previously addressed 8 bit data byte; the master then
sends a non-acknowledge (NACK). Finally, the master
terminates the transfer with the stop condition [P].
Stop Separated Reads
Stop-separated reads can also be used.
This format
allows a master to set up the register address pointer for
a read and return to that slave at a later time to read the
data. In this format the slave address followed by a write
command are sent after a start [S] condition. The SC627A
then acknowledges it is being addressed, and the master
responds with the 8-bit register address.
The master
sends a stop or restart condition and may then address
another slave. After performing other tasks, the master
can send a start or restart condition to the SC627A with
a read command. The device acknowledges this request
and returns the data from the register location that had
previously been set up.
Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com