Electronic Components Datasheet Search
  English  ▼

X  

SC627AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC627AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC627AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC627AEVB Datasheet HTML 6Page - Semtech Corporation SC627AEVB Datasheet HTML 7Page - Semtech Corporation SC627AEVB Datasheet HTML 8Page - Semtech Corporation SC627AEVB Datasheet HTML 9Page - Semtech Corporation SC627AEVB Datasheet HTML 10Page - Semtech Corporation SC627AEVB Datasheet HTML 11Page - Semtech Corporation SC627AEVB Datasheet HTML 12Page - Semtech Corporation SC627AEVB Datasheet HTML 13Page - Semtech Corporation SC627AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SC627A
10
Typical Characteristics (continued)
Load Transient Response (LDO2) — Falling Edge
Time (200μs/div)
V
LDO2 (50mV/div)
I
LDO2 (100mA/div)
V
IN
=3.7V, V
LDO2
=1.8V, I
LDO2
=100 to 1mA
Load Transient Response (LDO1) — Rising Edge
Time (20μs/div)
V
LDO1 (50mV/div)
I
LDO1 (100mA/div)
V
IN
=3.7V, V
LDO1
=2.8V, I
LDO1
=1 to 100mA
Time (200μs/div)
Load Transient Response (LDO1) — Falling Edge
V
IN
=3.7V, V
LDO1
=2.8V, I
LDO1
=100 to 1mA
V
LDO1 (50mV/div)
I
LDO1 (100mA/div)
Time (20μs/div)
Load Transient Response (LDO2) — Rising Edge
V
IN
=3.7V, V
LDO2
=1.8V, I
LDO2
=1 to 100mA
V
LDO2 (50mV/div)
I
LDO2 (100mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com