Electronic Components Datasheet Search
  English  ▼

X  

SC622EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC622EVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC622EVB Datasheet HTML 1Page - Semtech Corporation SC622EVB Datasheet HTML 2Page - Semtech Corporation SC622EVB Datasheet HTML 3Page - Semtech Corporation SC622EVB Datasheet HTML 4Page - Semtech Corporation SC622EVB Datasheet HTML 5Page - Semtech Corporation SC622EVB Datasheet HTML 6Page - Semtech Corporation SC622EVB Datasheet HTML 7Page - Semtech Corporation SC622EVB Datasheet HTML 8Page - Semtech Corporation SC622EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
1
SC622
LED Light Management Unit
Charge Pump, 400mA Flash LED, Dual
LDOs, and SemWireTM Interface
© 2007 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Flash LED — 400mA max in flash mode, 250mA max
continuous for spotlight
Two user-configurable 100mA low-noise LDO
regulators
Charge pump frequency — 250kHz
SemWireTM single wire interface — up to 75kbit/s
External flash control pin to sync with camera
Optional 1s flash time out
Automatic sleep mode (LEDs off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone flash
PDA flash
Camera I/O and core power
Description
The SC622 is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides continuous or bursted current
to a flash LED using a dedicated flash driver current sink.
The load and supply conditions determine whether the
charge pump operates in 1x, 1.5x, or 2x mode. A flash-
timeout feature disables the flash if active for longer than
1 second. The SC622 also provides two low-dropout, low-
noise linear regulators for powering a camera module or
other peripheral circuits.
The SC622 uses the proprietary SemWireTM single wire
interface. The interface controls all functions of the device,
including flash current and two LDO voltage outputs. The
single wire implementation minimizes microcontroller
and interface pin counts. The flash/spotlight output is
triggered via either the SemWire interface or a dedicated
pin.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
The two LDOs can be enabled when the device is in sleep
mode. Total current reduces to 0.1μA in shutdown.
SC622
VIN
SWIF
FLEN
BYP
AGND
PGND
VOUT
FL
CIN
2.2μF
LDO1
GREF
C1+
SemWire
Interface
Flash
Control
VLDO1 = 2.5V to 3.3V
VLDO2 = 1.5V to 1.8V
VBAT
CBYP
22nF
COUT
4.7μF
CLDO2
1.0μF
CLDO1
1.0μF
C2
2.2μF
C1
2.2μF
LDO2
C2+
C1-
C2-
FLASH
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
July 19, 2007


Similar Part No. - SC622EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC622EVB SEMTECH-SC622EVB Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
More results

Similar Description - SC622EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC627 SEMTECH-SC627_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com