Electronic Components Datasheet Search
  English  ▼

X  

SC2442ITSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2442ITSTR
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC2442ITSTR Datasheet HTML 1Page - Semtech Corporation SC2442ITSTR Datasheet HTML 2Page - Semtech Corporation SC2442ITSTR Datasheet HTML 3Page - Semtech Corporation SC2442ITSTR Datasheet HTML 4Page - Semtech Corporation SC2442ITSTR Datasheet HTML 5Page - Semtech Corporation SC2442ITSTR Datasheet HTML 6Page - Semtech Corporation SC2442ITSTR Datasheet HTML 7Page - Semtech Corporation SC2442ITSTR Datasheet HTML 8Page - Semtech Corporation SC2442ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
I
1
S
S
I
,
2
S
S
70
13
1A
μ
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
I
1
S
S
I
,
2
S
S
1
-2
-4
-A
μ
r
e
i
f
i
l
p
m
A
r
o
r
r
E
e
c
n
e
r
e
f
e
R
k
c
a
b
d
e
e
F
e
g
a
t
l
o
V
V
1
B
F
V
,
2
B
F
5
3
7
.
00
5
7
.
05
6
7
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
I
S
A
I
B
A
E
0
0
5A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
G
C
D
0
7B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
t
i
n
U
)
1
(
W
B
G3
z
H
M
t
n
e
r
r
u
C
k
n
i
S
/
e
c
r
u
o
S
t
u
p
t
u
O
2A
m
e
t
a
R
w
e
l
S
t
u
p
t
u
O
)
1
(
1S
μ
/
V
y
a
l
e
D
t
u
p
t
u
O
o
t
M
W
P
)
1
(
0
8S
n
r
o
t
a
l
l
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
Fc
F1
.
01
.
1z
H
M
y
c
n
e
u
q
e
r
F
k
c
o
l
Cc
FK
0
6
=
C
S
O
R0
9
40
5
50
1
6z
H
k
e
g
a
t
l
o
V
k
a
e
P
r
o
t
a
ll
i
c
s
O
)
1
(
l
a
n
r
e
t
n
I0
.
3V
e
g
a
t
l
o
V
y
e
ll
a
V
r
o
t
a
ll
i
c
s
O
)
1
(
l
a
n
r
e
t
n
I5
.
1V
t
u
p
n
I
e
l
b
a
n
E
/
c
n
y
S
e
g
a
t
l
o
V
d
l
e
h
s
e
r
h
T
e
l
b
a
n
E
V
N
E
Y
S
g
n
i
s
i
r
e
g
a
t
l
o
V
n
i
p
N
E
/
C
N
Y
S8
.
10
.
2V
e
g
a
t
l
o
V
d
l
e
h
s
e
r
h
T
e
l
b
a
s
i
D
V
N
E
Y
S
g
n
il
l
a
f
e
g
a
t
l
o
V
n
i
p
N
E
/
C
N
Y
S8
.
00
.
1V
y
a
l
e
D
n
w
o
D
t
u
h
S
o
t
w
o
L
e
l
b
a
s
i
D
)
1
(
V
8
.
0
<
n
i
p
N
E
/
C
N
Y
S0
5S
n
l
e
v
e
L
h
g
i
H
t
u
p
n
I
c
n
y
S
V
N
E
Y
S
L
T
TV
l
e
v
e
L
w
o
L
t
u
p
n
I
c
n
y
S
V
N
E
Y
S
L
T
TV
t
i
m
i
L
t
n
e
r
r
u
C
e
s
n
e
S
t
i
m
i
L
t
n
e
r
r
u
C
2
C
O
,
1
C
O
V
,
1
C
O
V
2
C
O
0
8
-5
0
1
-5
2
1
-V
m
p
u
c
c
i
H
r
o
f
d
l
o
h
s
e
r
h
T
k
c
a
b
d
e
e
F
V
1
B
F
V
,
2
B
F
0
5
4
.
05
2
5
.
00
1
6
.
0V
y
a
l
e
D
f
f
O
n
r
u
T
e
v
i
r
D
o
t
e
s
n
e
S
C
O
)
1
(
T
Y
L
D
C
O
0
8S
n
Unless specified: T
A = TJ = -40 to 125°C, VIN = 24V,
V
CC = 7V,
Fc = 550KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com