Electronic Components Datasheet Search
  English  ▼

X  

SC4539 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4539
Description  High Effi ciency Boost Converter for up to 6 LEDS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4539 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4539 Datasheet HTML 1Page - Semtech Corporation SC4539 Datasheet HTML 2Page - Semtech Corporation SC4539 Datasheet HTML 3Page - Semtech Corporation SC4539 Datasheet HTML 4Page - Semtech Corporation SC4539 Datasheet HTML 5Page - Semtech Corporation SC4539 Datasheet HTML 6Page - Semtech Corporation SC4539 Datasheet HTML 7Page - Semtech Corporation SC4539 Datasheet HTML 8Page - Semtech Corporation SC4539 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +20.0
LX Voltage, Output Voltage (V) . . . . . . . . . . . . . -0.3 to +45
Current Sink Voltage (V) . . . . . . . . . . . . . . . . . . . . -0.3 to +45
Enable Voltage (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
Compensation Voltage (V) . . . . . . . . . . . . . . . . . . -0.3 to +2.0
Current Set Voltage (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +2.0
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
SC4539
Unless otherwise noted: V
IN
= 3.6V, C
IN
= 2.2μF, C
OUT
= 1μF, C
COMP
= 47nF, R
COMP
= 1.27kΩ, R
ISET
= 5.76kΩ, L = 22μH, T
A
= -40 to 85ºC, typical values are at T
A
= 25ºC.
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . . . . . -40 to +85
Supply Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8 to 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 to 25
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . . 74
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Parameter
Symbol
Conditions
Min
Typ
Max
Units
UVLO Threshold
V
UVLO
V
IN
rising
2.40
2.60
2.79
V
UVLO Hysteresis
V
UVLO-HYS
120
mV
Quiescent Supply Current
I
Q
Not switching
1.8
mA
Shutdown Supply Current
I
SHDN
EN tied to GND
0.1
1
μA
EN Logic High Voltage
V
IN
1.80
V
EN Logic Low Voltage
V
IL
0.8
V
EN Logic Input Current
I
IL,
I
IH
V
IN
= 5.5V, V
EN
= 0V or 5.5V
±0.01
±1
μA
Thermal Shutdown Temperature
T
SD
T
J
rising
155
°C
Thermal Shutdown Hysteresis
20
°C
Boost Converter Characteristics
Switching Frequency
f
SW
680
800
920
kHz
Maximum Duty Cycle
D
MAX
V
IN
= 3.2V, T
A
= 25°C
92
%
Minimum On-Time
t
ON(MIN)
100
ns
Switch Over-Current Protection
I
OCP
500
850
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com