Electronic Components Datasheet Search
  English  ▼

X  

SC440 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC440
Description  High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440 Datasheet(HTML) 1 Page - Semtech Corporation

  SC440 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER MANAGEMENT
April 20 2007
1
High Efficiency Integrated Driver
for 6-Strings of 30mA LEDs
SC440
Typical Application Circuit
Features
Wide input range 4.5V to 21V
36V maximum output voltage with adjustable OVP for
smaller output capacitor
Drives up to 60 WLEDs in 6 strings
Programmable WLED current for up to 30mA per
string
1% string-to-string current matching
2.5A integrated power switch
Up to 91% efficiency
0.2% to 100% PWM dimming
Analog dimming
800KHz switching frequency for small external com-
ponent
Open/short LED protection
Short LED protection disable
<1uA shut-down current
Thermal protection
4mm x 4mm x1mm MLPQ-24 package (WEEE & RoHS
compliant)
Applications
Medium-sized LCD panel
Notebook Display
White LED Power Supplies
Sub-Notebook and Tablet Computer Displays
Portable Media Players
LCD Monitors
Digital Video Cameras
Description
The SC440 is a high-efficiency multiple string WLED driver
with an integrated boost converter. It operates over a wide
input range from 4.5V to 21V with a maximum output
voltage of 36V and a 2.5A internal power switch.
It can drive up to 36V output voltage in 6 strings with
current up to 30mA per string. The string-to-string current
matching is 1% typical, 3% maximum and the overall
efficiency is greater than 90% due to the low current sense
voltage and a low-impedance internal power switch. The
wide PWM dimming range boasts a ratio of 500: 1.
The 800kHz switching frequency enables the user to
optimize the external component sizes for high efficiency.
When there are fewer LEDs in each string, users can use
a lower output voltage protection level which yields an
allowable reduction in associated costs, size and voltage
ratings of the output capacitor.
The SC440 also features a comprehensive open and
short circuit LED protection functions. It disables the
corresponding strings with LED open or LED short
conditions while keeping other strings under normal
operation. This feature
allows LCD panels to remain
viewable even under LED failure, wire disconnect, or short-
circuit conditions. The short LED protection function can
be disabled. The internal thermal shutdown protects the
IC from overheating at abnormal conditions. The SC440
is available in a common 4mm x 4mm x1mm MLPQ-24
package.
6
PGND
VIN
SW
PWM
EN
OVPRTN
SW
FFLAG
PGND
IOGND
6 Strings
10
SCP_EN
AGND
IOSET
IO1-6
VOUT
OVPIN
COMP
SS
EDP
SC440
1
Vin (4.5V - 21V)
2
-6


Similar Part No. - SC440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC440A SEMTECH-SC440A Datasheet
390Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC440AEVB SEMTECH-SC440AEVB Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC440AMLTRT SEMTECH-SC440AMLTRT Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
More results

Similar Description - SC440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC440A SEMTECH-SC440A Datasheet
390Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
SC441D SEMTECH-SC441D Datasheet
1Mb / 21P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com