Electronic Components Datasheet Search
  English  ▼

X  

SC4538 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4538 Datasheet HTML 1Page - Semtech Corporation SC4538 Datasheet HTML 2Page - Semtech Corporation SC4538 Datasheet HTML 3Page - Semtech Corporation SC4538 Datasheet HTML 4Page - Semtech Corporation SC4538 Datasheet HTML 5Page - Semtech Corporation SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electrical Characteristics (continued)
SC4538
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Boost Converter Characteristics (continued)
Switch Over-Current Protection
I
OCP
550
850
mA
Switch Leakage Current
I
L(LX)
V
LX
= 5.5V
0.01
1
μA
Switch Saturation Voltage
V
SAT
I
LX
= 0.3A
250
450
mV
COMP Sourcing Current
I
COMP
V
COMP
= 0.9V, T
A
= 25ºC
6
μA
COMP Sinking Current
V
COMP
= 0.9V, T
A
= 25ºC
7
OUT Over-Voltage Protection
V
OVP
38
43
V
OUT Internal Pull-Down Current
I
OVP
During OVP condition
1
mA
OUT Bias Current
I
OUT
V
EN
= V
IN
, V
OUT
= 20V
40
60
μA
OUT Leakage Current
V
EN
= 0V, V
OUT
= V
IN
= 5.5V
0.01
1
μA
PWM Dimming Frequency Range(1)
f
EN
Applied to EN pin
100
50k
Hz
PWM Dimming Duty Cycle Range(1)
D
EN
200Hz on EN pin
0
100
%
Current Sink Characteristics
BL Current Setting Range
I
BL
130
mA
BL Current Setting Accuracy
T
A
= 25°C
-3.5
3.5
%
BL Leakage Current
I
L(BL)
V
EN
= 0V, V
BL
= 2V
0.01
0.1
μA
BL Current Line Regulation
ΔI
BL
/ΔV
IN
V
IN
= 3.0 to 5.5V
±0.05
mA/V
BL Voltage
V
BL
0.35
V
ISET Bias Voltage
V
ISET
0.5
V
ISET-to-I
BL
Gain
A
ISET
230
A/A
Start-Up Time
t
start-up
1.3
μs
Notes:
(1)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com