Electronic Components Datasheet Search
  English  ▼

X  

BZXB4C2VA Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # BZXB4C2VA
Description  350 mWatt Zener Diodes 2.4 to 75 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BZXB4C2VA Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  BZXB4C2VA Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BZXB4C2VA Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BZXB4C2VA Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BZXB4C2VA Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BZXB4C2VA Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - BZXB4C2VA

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BZX SHUNYE-BZX Datasheet
1Mb / 3P
ZENER DIODES
V2.22
logo
Jinan Jing Heng Electro...
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
BZX1-5C3V3 JINGHENG-BZX1-5C3V3 Datasheet
51Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
BZX1.5C DGNJDZ-BZX1.5C Datasheet
72Kb / 2P
Silicon Planar Power Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BZX1.5C SEMTECH_ELEC-BZX1.5C Datasheet
162Kb / 2P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZXB4C2VA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4_09 Datasheet
312Kb / 6P
Silicon 350 mWatt Zener Diodes
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
BZX84C2V4 MCC-BZX84C2V4_14 Datasheet
383Kb / 6P
Silicon 350 mWatt Zener Diodes
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
500 mW Zener Diodes 2.4 to 75 Volts
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com