Electronic Components Datasheet Search
  English  ▼

X  

BNS045F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BNS045F
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS045F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BNS045F Datasheet HTML 1Page - Balluff Korea Ltd. BNS045F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Cam Switches
BNS 819-B02-R08-40-15
Order Code: BNS045F
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-02
Subject to change without notice: 212423
ETIM 6.0: EC001829
BNS045F_2_2024-08-30
2 / 2
Remarks
Ambient temperature max.: 180 °C 10h/day
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values do not extend the limitation period for claims arising from defects or influence them in any other way.
We call you attention to the fact that the product listed here alone are not considered safety components according to Machine Directive 2006/42/EC Article
2c. It is however possible to construct structures per EN 13849-1 having a high performance level using the products with two channels.
Wiring Diagrams (Schematic)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com