Electronic Components Datasheet Search
  English  ▼

X  

HT86XXX Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT86XXX
Description  Voice Synthesizer 8-Bit MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86XXX Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT86XXX Datasheet HTML 1Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 2Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT86XXX Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
HT86XXX
Voice Synthesizer 8-Bit MCU
Selection Table
Body
HT86072
HT86144
HT86192
HT86384
HT86576
HT86768
Voice ROM size
1536K-bit
3072K-bit
4096K-bit
8192K-bit
12288K-bit
16384K-bit
Voice length
72 sec
144 sec
192 sec
384 sec
576 sec
768 sec
Voice ROM address latch
18-bit
19-bit
20-bit
21-bit
21-bit
21-bit
Note: * Voice length is estimated by 21K-bit data rate
Rev. 1.90
1
January 11, 2007
Features
· Operating voltage: 2.4V~5.2V
· System clock: 4MHz~8MHz
· Crystal or RC oscillator for system clock
· 23 I/O pins with 4 shared pins included
· 8K´16-bit program ROM
· 208´8-bit RAM
· One external interrupt input
· Three 16-bit programmable timer counter and over-
flow interrupts
· 12-bit high quality D/A output by transistor or
HT82V733
· Built-in voice ROM in various capacity
· One optional 32768Hz crystal oscillator for RTC time
base (8-bit counter with 3-bit prescaler)
· Watchdog Timer
· 8-level subroutine nesting
· HALT function and wake-up feature reduce power
consumption
· Up to 1ms (0.5ms) instruction cycle with 4MHz (8MHz)
system clock
· Support 16-bit table read instruction (TBLP, TBHP)
· 63 powerful and efficient instructions
· HT86072/144/192/384: 28-pin SOP, 100-pin QFP
package
HT86072/144/192: 44-pin QFP package
HT86576/768: 32-pin SOP, 100-pin QFP package
Applications
· Intelligent educational leisure products
· Alert and warning systems
· High end leisure product controllers
· Sound effect generators
General Description
The HT86XXX series are 8-bit high performance
microcontroller with voice synthesizer and tone genera-
tor. The HT86XXX is designed for applications on multi-
ple I/Os with sound effects, such as voice and melody. It
can provide various sampling rates and beats, tone lev-
els, tempos for speech synthesizer and melody genera-
tor. It has a single built-in high quality, D/A output. There
is an external interrupt which can be triggered with fall-
ing edge pulse or falling/rising edge pulse.
The HT86XXX is excellent for versatile voice and sound
effect product applications. The efficient MCU instruc-
tions allow users to program the powerful custom appli-
cations. The system frequency of HT86XXX can be up
to 8MHz under 2.4V and include a HALT function to re-
duce power consumption.
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT86XXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
More results

Similar Description - HT86XXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
HT86072 HOLTEK-HT86072 Datasheet
368Kb / 39P
Voice Synthesizer 8-Bit MCU
May 6, 2004
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
Voice Synthesizer 8-Bit OTP MCU
October 23, 2006
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
Voice Synthesizer 8-Bit OTP MCU
May 18, 2007
HT86030 HOLTEK-HT86030_06 Datasheet
291Kb / 40P
Voice Synthesizer 8-Bit MCU
May 25, 2006
HT86BXX HOLTEK-HT86BXX Datasheet
516Kb / 79P
Enhanced Voice 8-Bit MCU
October 20, 2009
HT86B03 HOLTEK-HT86B03 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
February 22, 2010
HT86B03 HOLTEK-HT86B03_10 Datasheet
499Kb / 83P
Enhanced Voice 8-Bit MCU
HT86BXX HOLTEK-HT86BXX_11 Datasheet
503Kb / 83P
Enhanced Voice 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com