Electronic Components Datasheet Search
  English  ▼

X  

PD02 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # PD02
Description  PD02 Pressure Snubber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

PD02 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  PD02 Datasheet HTML 1Page - Ashcroft, Inc. PD02 Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPICAL USES
„
Oil and gas
„
Refineries
„
Chemical and petrochemical
„
Water and wastewater
„
Biogas and biodiesel
KEY BENEFITS
• External adjustment allows for dampening
action to be increased or decreased
• Protects pressure instrument from process
pressure pulsation
FEATURES
316L Stainless steel, Hastelloy C-276 or Monel body
External pulsation adjustment to meet a variety
of applications
Wetted parts compatible with many processes
SPECIFICATIONS
Process Conn:
½ NPT Male
Instrument Conn:
½ NPT Female
Max Allowable
Working Pressure:
6000 psi
Maximum
Temperature:
248°F/120°C
WETTED COMPONENTS
Part
Style A
Style B
Style C
Body
316L SS
Hastelloy C-276
Monel
Valve Stem
316L SS
Hastelloy C-276
Monel
O-Ring
FKM
FKM
FKM
PD02
Pressure Snubber
NON-WETTED COMPONENTS
Part
Style A
Style B
Style C
Screw Plug
316Ti SS
316Ti SS
316Ti SS
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. PD02_acc_ds_RevB_09-10-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
1 of 2
PD02 Pressure Snubber
Data Sheet


Similar Part No. - PD02

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PD0204-S2 APITECH-PD0204-S2 Datasheet
164Kb / 1P
POWER DIVIDER
PD0208-S2 APITECH-PD0208-S2 Datasheet
164Kb / 1P
POWER DIVIDER
logo
Vishay Siliconix
PD020D02505S51 VISHAY-PD020D02505S51 Datasheet
51Kb / 2P
Plasma Display 20 Characters, 7 Segments
29-Feb-12
PD020D02507S51 VISHAY-PD020D02507S51 Datasheet
52Kb / 2P
Plasma Display 20 Characters, 7 Segments, Annunciators
29-Feb-12
logo
API Technologies Corp
PD0218-S2 APITECH-PD0218-S2 Datasheet
164Kb / 1P
POWER DIVIDER
More results

Similar Description - PD02

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFV OKAYA-AFV Datasheet
333Kb / 1P
SNUBBER CAPACITOR
CF99MPP474 OKAYA-CF99MPP474 Datasheet
309Kb / 1P
SNUBBER CAPACITOR
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
logo
Unisonic Technologies
SSB302 UTC-SSB302 Datasheet
142Kb / 3P
ZCB snubber
SSB303 UTC-SSB303 Datasheet
142Kb / 3P
ZCB snubber
logo
Okaya Electric America,...
CF99MPP474 OKAYA-CF99MPP474_14 Datasheet
309Kb / 1P
SNUBBER CAPACTOR
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
SNUBBER CAPACITOR
logo
Unisonic Technologies
SSB302 UTC-SSB302_15 Datasheet
161Kb / 3P
ZCB snubber
SSB303 UTC-SSB303_15 Datasheet
161Kb / 3P
ZCB snubber
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
Snubber Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com