Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0058 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0058
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0058 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0058 Datasheet HTML 1Page - Tyco Electronics MAAMSS0058 Datasheet HTML 2Page - Tyco Electronics MAAMSS0058 Datasheet HTML 3Page - Tyco Electronics MAAMSS0058 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
4
RF Driver Amplifier
250 - 4000 MHz
M/A-COM Products
Preliminary - Rev. V1P
MAAMSS0058
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical Performance Curves, 2140 MHz Configuration
Gain
Input Return Loss
Output Return Loss
Noise Figure
P1dB @ 2140 MHz
Output IP3 @ 2170 MHz
30
35
40
45
50
10
15
20
25
30
35
OIP3L
OIP3H
Output Power (dBm)/Tone
0
2
4
6
8
2.00
2.05
2.10
2.15
2.20
2.25
Frequency (GHz)
-30
-25
-20
-15
-10
-5
2.00
2.05
2.10
2.15
2.20
2.25
+25°C
-40°C
+85°C
Frequency (GHz)
5
10
15
20
25
2.00
2.05
2.10
2.15
2.20
2.25
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
2.00
2.05
2.10
2.15
2.20
2.25
+25°C
-40°C
+85°C
Frequency (GHz)
10
15
20
25
30
5
101520253035
+25°C
-40°C
+85°C
Output Power (dBm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com