Electronic Components Datasheet Search
  English  ▼

X  

HT6222 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6222
Description  Multi-Purpose Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6222 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6222 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6222 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
-38.44
28.57
13
38.21
-32.09
2
-38.44
24.06
14
38.21
-18.90
3
-38.44
19.55
15
38.21
-10.33
4
-38.44
9.91
16
38.21
2.87
5
-38.44
1.95
17
38.21
11.13
6
-38.44
-22.72
18
38.21
24.33
7
-38.44
-30.03
19
31.14
34.20
8
-37.83
-34.54
20
21.80
34.19
9
-20.31
-34.54
21
-12.62
34.19
10
-15.72
-34.54
22
-22.26
34.19
11
-11.21
-34.54
23
-26.77
34.19
12
27.27
-34.54
24
-36.41
34.19
Pin Description
HT6222
Pin No.
Pin Name
I/O
Internal Connection
Description
1~6
R3~R8
I
CMOS IN, Pull-low
Row control for keyboard matrix, active high
7
DOUT
O
CMOS OUT
Serial data output pin, with a 38kHz carrier
8
VDD
¾¾
Positive power supply, 1.8V~3.5V for normal operation
9
D7
I
CMOS IN
Most significant data bit (D7) code setting
10
X2
O
OSCILLATOR
455kHz resonator oscillator output
11
X1
I
OSCILLATOR
455kHz resonator oscillator input
12
VSS
¾¾
Negative power supply, ground
13
LED
O
CMOS OUT
Transmission enable indicator output
14~21
C8~C1
I/O
CMOS IN/OUT, Pull-low Column control for keyboard matrix
22
AIN
I
CMOS IN, Pull-high
Pull-low
Low byte address codes (8 bits) scan input
23~24
R1~R2
I
CMOS IN, Pull-low
Row control for keyboard matrix, active high
Approximate Internal Connection Circuits
HT6221/HT6222
Rev. 1.50
3
October 1, 2007
V D D
C M O S I N / O U T
C M O S I N
P u l l - l o w
C M O S I N
O S C I L L A T O R
X 1
X 2
E N
1 0 M W
C M O S O U T
V D D
C M O S I N / O U T
P u l l - l o w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com