Electronic Components Datasheet Search
  English  ▼

X  

HT7660 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7660 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
External Switching Frequency
Lower Switching Frequency
Positive Voltage Doubler
Voltage Splitter
HT7660
Rev. 1.10
4
January 21, 2003
C A P +
V S S
C A P -
2
3
4
H T 7 6 6 0
V D D
V D D
8
O S C
7
1 0 m .
1 0 m .
5
V O U T
V O U T
1 k W
C M O S
G a t e
V D D
C A P +
C A P -
2
3
4
H T 7 6 6 0
V D D
V D D
8
O S C
7
5
V O U T
V O U T
C O S C
N o t e : C O S C i s t e n s o f p i c o f a r a d
V S S
1 0 m .
1 0 m .
C A P +
V S S
2
3
H T 7 6 6 0
V D D
V D D
8
5
V O U T = 2 V D D - 2 V D
V O U T
N o t e : V D i s f o r w a r d v o l t a g e d r o p o f d i o d e D 1 a n d D 2
D 1
D 2
1 0 m .
1 0 m .
C A P +
V S S
C A P -
2
3
4
H T 7 6 6 0
V D D
8
L V
6
4 7 m .
5
V O U T
R L 1
R L 2
4 7 m .
4 7 m .
V D D
V E E
V O U T = V D D - V E E
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com