Electronic Components Datasheet Search
  English  ▼

X  

HT9170D Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9170D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT9170B/HT9170D
Rev. 1.10
5
September 24, 2002
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V D D
R T / G T
E S T
D V
D 3
D 2
D 1
D 0
O E
V P
V N
G S
V R E .
I N H
P W D N
X 1
X 2
V S S
H T 9 1 7 0 B / D
0 . 1 m .
3 0 0 k W
V D D
3 . 5 7 9 5 4 5 M H z
1 0 0 k W
1 0 0 k W
0 . 1 m .
T o n e
2 0 p .
2 0 p .
Figure 1. Test circuit
Functional Description
Overview
The HT9170B/D tone decoders consist of three band
pass filters and two digital decode circuits to convert a
tone (DTMF) signal into digital code output.
An operational amplifier is built-in to adjust the input sig-
nal (refer to Figure 2).
The pre-filter is a band rejection filter which reduces the
dialing tone from 350Hz to 400Hz.
The low group filter filters low group frequency signal
output whereas the high group filter filters high group
frequency signal output.
Each filter output is followed by a zero-crossing detector
with hysteresis. When each signal amplitude at the out-
put exceeds the specified level, it is transferred to full
swing logic signal.
When input signals are recognized to be effective, DV
becomes high, and the correct tone code (DTMF) digit is
transferred.
Steering control circuit
The steering control circuit is used for measuring the ef-
fective signal duration and for protecting against drop
out of valid signals. It employs the analog delay by exter-
nal RC time-constant controlled by EST.
The timing is shown in Figure 3. The EST pin is normally
low and draws the RT/GT pin to keep low through dis-
charge of external RC. When a valid tone input is de-
tected, EST goes high to charge RT/GT through RC.
When the voltage of RT/GT changes from 0 to VTRT
(2.35V for 5V supply), the input signal is effective, and
the correct code will be created by the code detector. Af-
ter D0~D3 are completely latched, DV output becomes
high. When the voltage of RT/GT falls down from VDD to
VTRT (i.e.., when there is no input tone), DV output be-
comes low, and D0~D3 keeps data until a next valid
tone input is produced.
By selecting adequate external RC value, the minimum ac-
ceptable input tone duration (tACC) and the minimum ac-
ceptable inter-tone rejection (tIR) can be set. External
components (R, C) are chosen by the formula (refer to Fig-
ure 5.):
tACC=tDP+tGTP;
tIR=tDA+tGTA;
where
tACC: Tone duration acceptable time
tDP: EST output delay time (
²L²®²H²)
tGTP: Tone present time
tIR: Inter-digit pause rejection time
tDA: EST output delay time (
²H²®²L²)
tGTA: Tone absent time
V N
G S
V R E .
H T 9 1 7 0 B / D
C
R 1
R .
( a ) S t a n d a r d i n p u t c i r c u i t
V P
V N
G S
V R E .
C 2
R 2
R 5
( b ) D i f f e r e n t i a l i n p u t c i r c u i t
V P
R 4
R 3
C 1
R 1
V i 1
V i 2
V i
H T 9 1 7 0 B / D
Figure 2. Input operation for amplifier application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com