Electronic Components Datasheet Search
  English  ▼

X  

HT9200B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9200B
Description  DTMF Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9200B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9200B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9200B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Approximate Internal Connection Circuits
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+6V
Storage Temperature ............................
-50°Cto125°C
Input Voltage ................................VSS
-0.3 to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.5
¾
5.5
V
IDD
Operating Current
2.5V
S/P=VDD,D0~D3=VSS,
CE=VSS, No load
¾
240
2500
mA
5.0V
¾
950
3000
VIL
²Low² Input Voltage
¾¾
VSS
¾
0.2VDD
V
VIH
²High² Input Voltage
¾¾
0.8VDD
¾
VDD
V
ISTB
Standby Current
2.5V
S/P=VDD,CE=VDD, no load
¾¾
1
mA
5.0V
¾¾
2
RP
Pull-high Resistance
2.5V
VOL=0V
120
180
270
k
W
5.0V
45
68
100
tDE
DTMF Output Delay Time
(Parallel Mode)
5V
¾¾
tUP+6
tUP+8
ms
VTDC
DTMF Output DC Level
2.5V~
5.5V
DTMF Output
0.45VDD
¾
0.75VDD
V
ITOL
DTMF Sink Current
2.5V
VDTMF=0.5V
-0.1
¾¾
mA
VTAC
DTMF Output AC Level
2.5V
Row group, RL=5k
W
0.12
0.15
0.18
Vrms
ACR
Column Pre-emphasis
2.5V
Row group=0dB
1
2
3
dB
RL
DTMF Output Load
2.5V
tHD
£-23dB
5
¾¾
k
W
HT9200A/HT9200B
Rev. 1.40
3
August 30, 2004
C M O S O U T
C M O S I N
P u l l - h i g h
C M O S I N
O S C I L L A T O R
X 1
X 2
E N
1 0 M
2 0 p F
1 0 p F
V D D
V D D
V D D
C M O S I N ( F o r D 0 ~ D 3 ,
C L K , D A T A )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com