Electronic Components Datasheet Search
  English  ▼

X  

HT16220 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16220
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16220 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16220 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
-68.76
72.04
29
61.07
-72.33
2
-68.76
59.71
30
67.70
-72.33
3
-68.76
53.08
31
68.98
-10.41
4
-69.53
39.40
32
68.98
-3.78
5
-69.70
24.82
33
68.98
2.85
6
-69.70
18.19
34
68.98
9.48
7
-69.70
11.56
35
68.98
16.11
8
-69.70
1.36
36
68.98
22.74
9
-69.70
-10.28
37
68.98
29.37
10
-69.70
-23.55
38
68.98
36.00
11
-69.70
-38.93
39
68.98
42.63
12
-69.70
-45.56
40
68.98
49.26
13
-69.70
-56.53
41
68.98
55.89
14
-69.70
-63.83
42
68.98
62.52
15
-69.70
-70.46
43
68.98
69.15
16
-39.57
-71.57
44
13.85
72.04
17
-32.94
-71.57
45
7.22
72.04
18
-20.53
-71.57
46
0.60
72.04
19
-13.90
-71.57
47
-6.03
72.04
20
-1.49
-71.57
48
-12.66
72.04
21
5.14
-71.57
49
-19.30
72.04
22
14.66
-72.33
50
-25.92
72.04
23
21.29
-72.33
51
-32.56
72.04
24
27.92
-72.33
52
-39.19
72.04
25
34.55
-72.33
53
-45.81
72.04
26
41.18
-72.33
54
-52.44
72.04
27
47.81
-72.33
55
-59.08
72.04
28
54.44
-72.33
Pad Description
Pad No.
Pad Name
I/O
Description
1CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or written to the HT16220 are disabled. The
serial interface circuit is also reset But if the CS is at logic low level and is
input to the CS pad, the data and command transmission between the
host controller and the HT16220 are all enabled.
2RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT16220
are clocked out on the falling edge of the RD signal. The clocked out data
will appear on the data line. The host controller can use the next rising
edge to latch the clocked out data.
3WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are
latched into the HT16220 on the rising edge of the WR signal.
4
DATA
I/O
Serial data input or output with pull-high resistor
5
VSS
¾
Negative power supply, ground
6
VDD
¾
Positive power supply
7
VLCD
I
LCD operating voltage input pad.
8
IRQ
O
Time base or watchdog timer overflow flag, NMOS open drain output.
9, 10
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
11
OSCO
O
Crystal oscillator output pin
12
OSCI
I
Crystal oscillator input pin
13~15
T1~T3
I
Not connected
16~23
COM0~COM7
O
LCD common outputs
24~55
SEG0~SEG31
O
LCD segment outputs
HT16220
Rev. 1.20
3
May 19, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com