Electronic Components Datasheet Search
  English  ▼

X  

HT9320L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9320L
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9320L Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
HT9320 Series
22-Memory Tone/Pulse Dialer
Rev. 1.10
1
October 1, 2002
Features
· Universal specification
· Operating voltag0e: 2.0V~5.5V
· Low standby current
· Lowmemoryretentioncurrent:0.1mA(typ.)
· Tone/pulse switchable
· Interface with LCD driver
· 32 digits for redialing
· 32 digits for the SA memory dialing
· One-key redialing
· Pause and P®T key for PBX
· 3.58MHz crystal or ceramic resonator
· Hand-free control
· Hold-line control
· Pause, P®T can be saved for redialing
· On-hook store function
· Keytone function
· Lock function
· Resistor options
- M/B ratio
- Flash function and flash time
- Pause and P®T duration
- Pulse number
- Inter-digit pause time for 10pps
· Memory number: 22 memories
· HT9320A/B/H/K/L-X: 28-pin DIP package
HT9320C: 22-pin SKDIP package
General Description
The HT9320 series tone/pulse dialers are CMOS LSI for
telecommunication systems. They are designed to meet
various dialing specifications through resistor option
matrix.
The HT9320 series are offered in six different versions.
The different functions of the six versions are listed in
the selection table. The HT9320A, HT9320H versions
provide the on-hook store function; the HT9320B ver-
sion provides the LCD interface function; the HT9320K
version provides the keytone function; the HT9320L ver-
sion provides both the LCD interface function and IDD
lock function. The six versions also supply the hold-line
and hand-free functions, which are suitable for feature
phone applications.
HT9320 series provide SA, Redial and 20
one-touch/two-touch memory dialing. If the keyboard in-
cludes M1~M20 keys it can be used as one-touch mem-
ory dialing. Otherwise, it works as two-touch
(PAGE
®M1~M10) or three-touch(A®PAGE®0~9)
memory dialing for speed dialing in either pulse or tone
mode.
Patent Number: 64097, 86474, 113235(R.O.C.), 5424740(U.S.A.)


Similar Part No. - HT9320L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320L HOLTEK-HT9320L Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
HT9320L-X HOLTEK-HT9320L-X Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
More results

Similar Description - HT9320L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
15-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
logo
UMC Corporation
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
1-Memory/2-Memory Tone/Pulse Dialer
May 13, 2009
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
15 Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
13-MEMORY TONE/PULSE DIALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com