Electronic Components Datasheet Search
  English  ▼

X  

HT81003 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT81003
Description  EasyVoiceTM 3-Second Speech
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81003 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT81003 Datasheet HTML 1Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT81003
EasyVoice
TM 3-Second Speech
Rev. 1.10
1
January 22, 2002
Features
· Operating voltage: 2.4V~5V
· Directly drives an external transistor
· PWM function directly driver speaker
· Low standby current (1mA typ. for VDD=3V)
· Minimal external components
· 240 notes table ROM for key functions
· Programmable silence length and end-pulse width
(minimal end-pulse width is 1.3ms at 8kHz sampling
rate)
· 3-sec voice capacity (based on a 5kHz sampling
rate)
· Controllable volume
· FLAG1 options
- End-pulse output
- 3Hz, 3HzB flash
- 6Hz, 6HzB flash
- Busy output
- OFF
· FLAG2 options
- 3Hz flash
- 6Hz flash
- Busy output
- OFF
· 2 keys
· Key options
- Sequential/Directed
- Repeat (KEY2)
- STOP key (KEY2)
- Key debounce time: 1.2ms, 22ms, 45ms
(based on a 8kHz sampling rate)
- One shot/Normal
- Pull-high resistance: 0, 50kW, 100kW, 200kW
· Section options
- Retriggerable
- Non-retriggerable
· Dice form or 16-pin DIP package
General Description
The HT81003 is a Mask ROM type. The HT81003 is a
single-chip voice synthesizer LSI with 3-second voice
capacity at 5kHz sampling rate. The chip when triggered
drives a speaker through an external transistor with a
PWM output. Negligible current is consumed in the
standby state.
The HT81003 provides 2-key inputs and 2 programma-
ble FLAG outputs. With 2.4V~5.0V power supply, a
complete synthesized voice playback system can be
easily built with very few external components.
The customer
¢s voice sources are recorded section by
section into an internal mask ROM. The instructions of
section playback arrangement of each key are stored in
the table ROM. The key features are also programma-
ble. With such a flexible structure, the HT81003 is excel-
lent for versatile voice applications.
Applications
· Leisure products
· Alarm clocks
· Public address system
· Alert and warning system
· Sound effect generators
EasyVoice
TM is a trademark of Holtek Semiconductor Inc.


Similar Part No. - HT81003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
EasyVoice Speech
March 1, 2005
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
More results

Similar Description - HT81003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT812D0 HOLTEK-HT812D0 Datasheet
614Kb / 15P
2.8 Second LOG-PCM Speech
5th May 98
HT813D0 HOLTEK-HT813D0 Datasheet
574Kb / 12P
5.6 Second LOG-PCM Speech
5th May 98
HT814D0 HOLTEK-HT814D0 Datasheet
162Kb / 15P
8.4-Second LOG-PCM Speech
March 15, 2000
HT815D0 HOLTEK-HT815D0 Datasheet
165Kb / 15P
11.2-Second LOG-PCM Speech
March 15, 2000
HT817D0 HOLTEK-HT817D0 Datasheet
162Kb / 15P
16.8-Second LOG-PCM Speech
March 15, 2000
HT818D0 HOLTEK-HT818D0 Datasheet
160Kb / 14P
22.4-Second LOG-PCM Speech
March 15, 2000
HT819D0 HOLTEK-HT819D0 Datasheet
569Kb / 13P
4.2 Second LOG-PCM Speech
6th May 98
HT81XXX HOLTEK-HT81XXX Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
logo
Nuvoton Technology Corp...
N588H NUVOTON-N588H Datasheet
939Kb / 20P
3-CHANNEL SPEECHMELODY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com