Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG2190_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2190_02 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
HTG2190
Rev. 1.20
13
July 5, 2002
Register
Address
Bit No.
Label
Description
COL0
2BH
0~4
P0~P4
Color0 palette
5~7
¾
Unused bit read only
COL1
2CH
0~4
P0~P4
Color1 palette
5~7
¾
Unused bit read only
COL2
2DH
0~4
P0~P4
Color2 palette
5~7
¾
Unused bit read only
How to select the color:
Dn+1
Dn
Color 0
00
Color 1
01
Color 2
10
Color 3
11
Segment
¾Common
LCDC register
Register
Bit No.
Label
Function
COL3
0~4
P0~P4
Color3 palette
5
¾
Unused bit, read as
²0²
6
LCD
Controls the LCD output (0=disable, 1=enable) (Default=1)
7RC
LCD clock source select (Default=0)
1=32768Hz crystal
0=system clock (note*)
COL3 register
Note:
* When the mask option is selected to 32K x
¢tal disable, user should be set ²0² to COL3.7.
But the 32K x
¢tal can¢t be disabled in the HT-IDE2000 tools, so user should take care of this difference.
An example of an ECB driving waveform is shown below:
8 COM, 1/4 bias LCD clock source=16384Hz
C O M 0
V D D
3 / 4 V D D
2 / 4 V D D
1 / 4 V D D
G N D
V L C D
V D D
3 / 4 V D D
2 / 4 V D D
1 / 4 V D D
G N D
W
w '
w '
1 / 4 V L C D
- 1 / 4 V L C D
- V L C D
6 4 H z
O N
O . .
8
1
2
1
2
S E G
C O M 0 - S E G
N o t e : W ' R e a l a c t i v e s e g m e n t s i g n a l w i d t h W ' =
( a d j u s t a b l e w i d t h b y R A M A d d r e s s
2 B H , 2 C H , 2 D H b i t 0 ~ b i t 4 )
W : M a x . a c t i v e s e g m e n t s i g n a l w i d t h
8
1 W
3 2
3 1 W
3 2
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com