Electronic Components Datasheet Search
  English  ▼

X  

UTCL6726 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCL6726
Description  UNIVERSAL SPEECH CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCL6726 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCL6726 Datasheet HTML 1Page - Unisonic Technologies UTCL6726 Datasheet HTML 2Page - Unisonic Technologies UTCL6726 Datasheet HTML 3Page - Unisonic Technologies UTCL6726 Datasheet HTML 4Page - Unisonic Technologies UTCL6726 Datasheet HTML 5Page - Unisonic Technologies UTCL6726 Datasheet HTML 6Page - Unisonic Technologies UTCL6726 Datasheet HTML 7Page - Unisonic Technologies UTCL6726 Datasheet HTML 8Page - Unisonic Technologies UTCL6726 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UTCL6726
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R108-015,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Line voltage, tp=2s
VL
0~22
V
Line current, continuous
IL
0~130
mA
Ambient Operating temperature
Ta
-40~+70
°C
Storage temperature
Tstg
-55~+125
°C
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
PARAMETER
FIG.
TEST CONDITIONS
MIN
TYP
MAX UNIT
Line voltage
1
IL=15mA
IL=100mA
3.3
11
3.7
13
4.1
15
V
Transmitting gain, note 1
1
20·10 log(V2/V3), 1kHz
RL=0 Ω
RL=400 Ω
RL=900 Ω~2.2 kΩ
41
43.5
46
43
45.5
48
45
47.5
50
dB
dB
dB
Transmitting range of regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Transmitting frequency response
1
200Hz ~ 3.4kHz
-1
1
dB
Receiving gain, note 1
1
20·10 log (V4/V1), 1kHz
RL=0 Ω
RL=400 Ω
RL=900 Ω~2.2 kΩ
-18.5
-16
-13.5
-16.5
-14
-11.5
-14.5
-12
-9.5
dB
dB
dB
Receiving range of regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Receiving frequency response
1
200Hz ~ 3.4kHz
-1
1
dB
Microphone input impedance
pin12,13
1
1kHz, note 3
1.7(//2.7)
kΩ
Transmitter input impedance pin 3
1
1kHz
17
kΩ
Transmitter dynamic output
1
200Hz~3.4kHz
≤
2% distortion, IL=20~100mA
1.5
Vp
Transmitter max output
1
200 Hz~3.4kHz
IL=0-100mA,V3=0.1V
3
Vp
Receiver output impedance
1
1kHz, note 3
3(+310)
Ω
Receiver dynamic output note 2
1
200Hz~3.4kHz
≤
2% distortion, IL=20~100mA
0.5
Vp
Receiver max output
2
Measured with line rectifier
200 Hz~3.4kHz, IL=0~100mA, V1=0~50V
0.9
Vp
Transmitter output noise
1
Psof-weighting, Rel1 Vrms, RL=0
-75
dBpsof
Receiver output noise
1
A-weighting, Rel 1Vrms, with cable
0~5km, φ=0.5mm,0~3km, φ=0.3mm
-85
dBA
Mute input voltage at mute
(active low)
1
0.3
V
DC-supply voltage
1
IL=10~100mA, IDC=0mA
IL=10~100mA, IDC=2mA
2.35
2.2
V
DC-supply current, pin8
1
2
mA
DC-output pin8 input leakage
current (no supply)
3
VDC=2.35V
0.1
µA
DTMF transmitting gain
1
VM=0.3V
24.5
26.5
28.5
dB
Notes:
1.Adjustable to both higher and lower values with external components.
2.The dynamic output can be doubled, see applications information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com