Electronic Components Datasheet Search
  English  ▼

X  

STPS1045B Datasheet(PDF) 4 Page - International Rectifier

Part # STPS1045B
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

STPS1045B Datasheet(HTML) 4 Page - International Rectifier

  STPS1045B Datasheet HTML 1Page - International Rectifier STPS1045B Datasheet HTML 2Page - International Rectifier STPS1045B Datasheet HTML 3Page - International Rectifier STPS1045B Datasheet HTML 4Page - International Rectifier STPS1045B Datasheet HTML 5Page - International Rectifier STPS1045B Datasheet HTML 6Page - International Rectifier STPS1045B Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STPS1045BPbF
Bulletin PD-21098 rev. B 08/06
4
www.irf.com
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
(2)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
Average Forward Current - I
F(AV) (A)
Square Wave Pulse Duration - t
p
(microsec)
Average Forward Current - I
F(AV)
(A)
140
150
160
170
180
0
2
4
6
8
10
12
14
16
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (2)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com