Electronic Components Datasheet Search
  English  ▼

X  

STA210N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA210N
Description  Sirius Satellite Digital audio radio service Heterodyne tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA210N Datasheet(HTML) 3 Page - STMicroelectronics

  STA210N Datasheet HTML 1Page - STMicroelectronics STA210N Datasheet HTML 2Page - STMicroelectronics STA210N Datasheet HTML 3Page - STMicroelectronics STA210N Datasheet HTML 4Page - STMicroelectronics STA210N Datasheet HTML 5Page - STMicroelectronics STA210N Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STA210N
Electrical specifications
3/6
2
Electrical specifications
2.1
Thermal data
2.2
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction-ambient (1):Typ.
Max.
1.
on multi-layer JEDEC test board
20
25
°C/W
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tstg
Storage temperature
-40
125
°C
Tfunc
Functional ambient temperature
-40
25
100
°C
Top
Operating ambient temperature
-40
25
85
°C
Tj-max
Maximum junction temperature
125
°C
Tlead
Lead temperature (soldering,10s)
260
°C
Tslope
Temperature slope
-10
10
°C/min
Humid
Humidity
85
%
VMax
Maximum voltage on each pin
3.6
V
VMin
Minimum voltage on each pin
GND-0.3
V
VESD
Electrostatic discharge voltage HBM (ESD)
2
kV
PRFmax
Max RF input power
+15
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com